Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A70L7 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPC564A70L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A70L7 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPC564A70L7 Datasheet HTML 28Page - STMicroelectronics SPC564A70L7 Datasheet HTML 29Page - STMicroelectronics SPC564A70L7 Datasheet HTML 30Page - STMicroelectronics SPC564A70L7 Datasheet HTML 31Page - STMicroelectronics SPC564A70L7 Datasheet HTML 32Page - STMicroelectronics SPC564A70L7 Datasheet HTML 33Page - STMicroelectronics SPC564A70L7 Datasheet HTML 34Page - STMicroelectronics SPC564A70L7 Datasheet HTML 35Page - STMicroelectronics SPC564A70L7 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 133 page
background image
Introduction
SPC564A70B4, SPC564A70L7
32/133
Doc ID 18078 Rev 4
1.5.26
Nexus port controller (NPC)
The NPC block provides real-time Nexus Class3+ development support capabilities for the
SPC564A70 Power Architecture technology-based MCU in compliance with the IEEE-ISTO
5001-2010 standard. MDO port widths of 4 pins and 12 pins are available in all packages.
1.5.27
JTAG controller (JTAGC)
The JTAG controller (JTAGC) block provides the means to test chip functionality and
connectivity while remaining transparent to system logic when not in test mode. Testing is
performed via a boundary scan technique, as defined in the IEEE 1149.1-2001 standard. All
data input to and output from the JTAGC block is communicated in serial format. The
JTAGC block is compliant with the IEEE 1149.1-2001 standard and supports the following
features:
●
IEEE 1149.1-2001 Test Access Port (TAP) interface 4 pins (TDI, TMS, TCK, and TDO)
●
A 5-bit instruction register that supports the following IEEE 1149.1-2001 defined
instructions:
–
BYPASS, IDCODE, EXTEST, SAMPLE, SAMPLE/PRELOAD, HIGHZ, CLAMP
●
A 5-bit instruction register that supports the additional following public instructions:
–
ACCESS_AUX_TAP_NPC
–
ACCESS_AUX_TAP_ONCE
–
ACCESS_AUX_TAP_eTPU
–
ACCESS_CENSOR
●
3 test data registers to support JTAG Boundary Scan mode
–
Bypass register
–
Boundary scan register
–
Device identification register
●
A TAP controller state machine that controls the operation of the data registers,
instruction register and associated circuitry
●
Censorship Inhibit Register
–
64-bit Censorship password register
–
If the external tool writes a 64-bit password that matches the Serial Boot password
stored in the internal flash shadow row, Censorship is disabled until the next
system reset.
1.5.28
Development trigger semaphore (DTS)
SPC564A70 devices include a system development feature, the Development Trigger
Semaphore (DTS) module, that enables user software to signal to an external tool—by
driving a persistent (affected only by reset or an external tool) signal on an external device
pin—that data is available. The DTS includes a register of semaphores (32-bits) and an
identification register.
There are a variety of ways this module can be used, including as a component of an
external real-time data acquisition system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com