Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9658TR Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 48Page - STMicroelectronics L9658TR Datasheet HTML 49Page - STMicroelectronics L9658TR Datasheet HTML 50Page - STMicroelectronics L9658TR Datasheet HTML 51Page - STMicroelectronics L9658TR Datasheet HTML 52Page - STMicroelectronics L9658TR Datasheet HTML 53Page - STMicroelectronics L9658TR Datasheet HTML 54Page - STMicroelectronics L9658TR Datasheet HTML 55Page - STMicroelectronics L9658TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
Functional description
L9658
52/64
Doc ID 14219 Rev 3
4.14.10
Message waiting
The MSG pin is asserted when there is a message in any of the 4 internal FIFO buffers. This
pin is TTL level and is configurable to be either active high or active low signal.
The Pin shall also be programmable via SPI to either remain active during CS_S once is set
or inactive during CS. IF the pin is configured to remain active during CS_S and there is a
message in any of the internal FIFO it remains active even if CS_S is de-asserted. However
if there are no messages in any of the internal 4 FIFOs the pin will be forced to inactive
state.
4.14.11
Satellite serial data input (MOSI)
The MOSI input takes data from the master microprocessor while CS_S is asserted. The
MSB is the first bit of each word received on MOSI and the LSB is the last bit of each word
received on MOSI. This pin has TTL level compatible input voltages allowing proper
operation with microprocessors using a 3.3 to 5.0 volt supply. MOSI Bits layout is provided
here below.
4.14.12
Satellite MOSI bits definition
There are total of 5 internal registers that are used to configure all of the satellite channels.
These registers are addressed by setting MOSI bit 14 according to this table and by sending
the SPI commands sequentially in the correct order such that CH1 command is the first
significant word and CH4 command is the Last word.
The SPI command sequence is such that the first word communicates with channel 1, the
second SPI word communicates with channel 2, the third SPI word is in communication with
channel 3 and the 4th word with channel 4.
Table 32.
Satellite MOSI bits layout
15
14
13
12
11
10
9
87654
3210
P
S
DATA (12:0)
Table 33.
MOSI satellite interface registers map
Bit
State
Description
D15
SPI Odd Parity
D14
0
MCR Master Configuration Register (CH1 Only)
1
CCR1 Channel Configuration Register for CH1
1
CCR2 Channel Configuration Register for CH2
1
CCR3 Channel Configuration Register for CH3
1
CCR4 Channel Configuration Register for CH4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com