Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9658TR Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 44Page - STMicroelectronics L9658TR Datasheet HTML 45Page - STMicroelectronics L9658TR Datasheet HTML 46Page - STMicroelectronics L9658TR Datasheet HTML 47Page - STMicroelectronics L9658TR Datasheet HTML 48Page - STMicroelectronics L9658TR Datasheet HTML 49Page - STMicroelectronics L9658TR Datasheet HTML 50Page - STMicroelectronics L9658TR Datasheet HTML 51Page - STMicroelectronics L9658TR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
Functional description
L9658
48/64
Doc ID 14219 Rev 3
4.14.1
Current sensor
Each output channel senses the current drawn by the remote satellite sensor; the circuit
modulates the load current into logic voltage levels for post processing by a manchester
decoder. Each channel has an internal comparator with a programmable currents trip points
selectable through the appropriate setting in the CCR Register for each of the 4 satellite
channels. The current sense comparator provides a hysteresis, which can be enabled
through appropriate setting in the CCR Register. Each comparator output have a de-glitch
filter as a function of the protocol speed as defined in the AC characteristic table. Each
current is limited to 150 mA maximum and includes a fault timer.
If the output for a given channel is in current limited for a period of time exceeding the output
fault timer, the IC will report an over current fault via SPI and latch off the affected channel,
the channel will remain in latch off mode until the user send a SPI command to re-activate
the channel. When the output is shorted to battery, an internal comparator senses the
output voltage level then turn off an internal series transistor to provide blocking diode for
the current going through the output channel, the output will resume normal operation once
the fault condition is removed. The comparator have 20 to 50 mV input offset to prevent
turning off the output under an open circuit condition. In case of loss of VCC all output will
remain off.
4.14.2
Manchester decoding
The L9658 decodes satellite massages based on Manchester decoding, each of the four
satellite channels have a Manchester decoder that can be enabled or disabled through the
CCR register. An example of Manchester decoding is given below; logic 0 is defined as a
signal transition from 0 to 1 at 50 % Duty cycle, logic 1 is defined as a signal transition from
1 to 0 at 50 % duty cycle.
The IC starts decoding the satellite message after it receives two SYNC bits defined as logic
00, the SYNC bits are used to determine the bit rate of the incoming message and are used
as the time base in decoding the following bits; different bit rates ranges are programmable
via SPI, in case the measured bit rate obtained using the 2 SYNC bits doesn’t fall within the
range selected by he SPI as defined, the device declares a bit time error, revert to the
minimum bit time of the selected range, and wait for idle.
Figure 19.
Manchester decoding
1
01
0
01
0
Id l e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com