| Electronic Components Datasheet Search |
|
L9658TR Datasheet(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9658TR Datasheet(HTML) 43 Page - STMicroelectronics |
|
43 / 64 page ![]() L9658 Functional description Doc ID 14219 Rev 3 43/64 4.12.1 Deployment driver command mode response Command mode response is defined as shown here after. DEPEN status flag (bit D12) indicates the state of DEPEN pin. ARM status flag (bit D11 through bit D8) indicates the state of the respective arming signal, including the pulse stretch timer. If the pulse stretch timer is initiated by a deployment command, it shall not assert the arming status flag. This flag will be negated as soon as the de-glitch timer is expired. ARM status flag is an OR-function of arming states from two channels. SPI deploy command status flag indicates the SPI deployment status for the respective channel. These flags reflects bit D7 through bit D0 of the most recent SPI command mode message. These bits do not include the status of pulse stretch timer. These bits will be overwritten by the most recent SPI command mode message. Table 26. MISO command mode response definition Bit State Description D15 0 Mode Bits D14 1 D13 - Don’t Care D12 0 DEPEN Negated 1 DEPEN Asserted D11 0 ARM67 Negated 1 ARM67 Asserted D10 0 ARM45 Negated 1 ARM45 Asserted D9 0 ARM23 Negated 1 ARM23 Asserted D8 0 ARM01 Negated 1 ARM01 Asserted D7 - SPI Deploy Command Status: Channel 7 D6 - SPI Deploy Command Status: Channel 6 D5 - SPI Deploy Command Status: Channel 5 D4 - SPI Deploy Command Status: Channel 4 D3 - SPI Deploy Command Status: Channel 3 D2 - SPI Deploy Command Status: Channel 2 D1 - SPI Deploy Command Status: Channel 1 D0 - SPI Deploy Command Status: Channel 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |