Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9658TR Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 43Page - STMicroelectronics L9658TR Datasheet HTML 44Page - STMicroelectronics L9658TR Datasheet HTML 45Page - STMicroelectronics L9658TR Datasheet HTML 46Page - STMicroelectronics L9658TR Datasheet HTML 47Page - STMicroelectronics L9658TR Datasheet HTML 48Page - STMicroelectronics L9658TR Datasheet HTML 49Page - STMicroelectronics L9658TR Datasheet HTML 50Page - STMicroelectronics L9658TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
47/64
4.13.3
ARM[01..67]*
Arming-command complement. These bits are the complements of ARM[01..67] bits and
will be used to confirm the transmission of arming signals. If L9658 does not receive valid
complement bits, it will ignore the arming command.
4.13.4
Arming MISO_A bit definition
Arming MISO_A is defined in table below.
4.13.5
ARM[01..67]
Arming status. These bits are used to echo arming bits sent in the previous arming
command. A value of 1 indicates that arming signal is enabled for the respective loop-pair. A
value of 0 indicates that arming signal is disabled for the respective loop-pair.
The default state of these arming signals is ‘0’ (disabled).
4.14
Satellite sensor interface
The device provide four currents limited to 60mA each through outputs ICH1, ICH2, ICH3
and ICH4. The voltage at these four channels is supplied by the V8BUCK input. Channels 1,
2, 3 and 4 serves as switched power sources to remote mounted satellite sensors, each will
draw 2 current levels. The L9658 will monitor the current flow from its output pin and
“demodulate” the current to be decoded using Manchester protocol. Decoded satellite
message is communicated to an external microprocessor via SPI.
Figure 18.
Satellite interface block diagram
Table 31.
Arming MISO_A bit definition
7654321
0
ARM67
ARM45
ARM23
ARM01
ARM67
ARM45
ARM23
ARM01
MSG
Current
Sense with
STB
blocking
FET
Current
Limit
(STG
Protect)
FIFO
SPI IN
SPI OUT
Control
Configurati
on
Register
CCRx/MCR
Manchester
Decode &
CRCOr
Parity Check
ICHX
V8BUCK
Satellite
Status Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com