Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9658TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 29Page - STMicroelectronics L9658TR Datasheet HTML 30Page - STMicroelectronics L9658TR Datasheet HTML 31Page - STMicroelectronics L9658TR Datasheet HTML 32Page - STMicroelectronics L9658TR Datasheet HTML 33Page - STMicroelectronics L9658TR Datasheet HTML 34Page - STMicroelectronics L9658TR Datasheet HTML 35Page - STMicroelectronics L9658TR Datasheet HTML 36Page - STMicroelectronics L9658TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
33/64
4.11.2
Deployment driver register mode
Register Mode message are defined here below.
Odd parity check includes all 16 bits. “Don’t care” bit is included in the parity check as well.
When bit D12 is set to ‘0,’ device ignores bit D11 through bit D0. This is a read request. In
the next valid CS_D, a register mode response will contain the pulse stretch timer register.
If bit D12 is set to ‘1,’ bit D11 determines whether the message is intended to program the
duration of the pulse stretch timer or to address the soft reset sequence.
When bit D11 is set to ‘0,’ device ignores bit D7 through bit D0. When bit D11 is set to ‘1,’ bit
D9 and bit D8 will be ignored.
Bit D10 is used to select between two deployment conditions. When bit D10 is set to 0,
deployment events on all channels shall have the deployment current of IDEPL_12A and the
deployment period of tDEPL_2ms. When bit D10 is set to 1, deployment events on all channels
shall have the deployment current of IDEPL_175A and the deployment period of tDEPL_1ms. The
default state of this bit shall be %0.
Table 16.
MOSI register mode message definition
Bit
State
Description
D15
0
Mode bits
D14
0
D13
Odd parity
D12
0
Read (default)
1Write
D11
0
Pulse Stretch Timer Period
1
Soft Reset Sequence
D10
0
Deployment Condition: IDEPLOY_12A and
tDEPLOY_2ms
1
Deployment Condition: IDEPLOY_175A and
tDEPLOY_1ms
Bit
State
Description
D9
-
Pulse Stretch timer (see table 17)
D8
-
D7
-
Soft Reset Sequence
D6
-
D5
-
D4
-
D3
-
D2
-
D1
-
D0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com