Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9658TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 16Page - STMicroelectronics L9658TR Datasheet HTML 17Page - STMicroelectronics L9658TR Datasheet HTML 18Page - STMicroelectronics L9658TR Datasheet HTML 19Page - STMicroelectronics L9658TR Datasheet HTML 20Page - STMicroelectronics L9658TR Datasheet HTML 21Page - STMicroelectronics L9658TR Datasheet HTML 22Page - STMicroelectronics L9658TR Datasheet HTML 23Page - STMicroelectronics L9658TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Functional description
L9658
20/64
Doc ID 14219 Rev 3
Figure 7.
SPI block diagram
L9658 has a counter to verify the number of clocks in SCLK and SCLK_A. If the number of
clocks in SCLK is not equal to 16 clocks while CS_D is asserted, it ignores the SPI message
and send a SPI fault response. If the number of clocks in SCLK is not equal to 64 clocks
while CS_S is asserted, it ignores the entire SPI message and push the Bad SPI Bit Count
fault code into the FIFO. If the number of clocks in SCLK_A is not a multiple of 8, it ignores
the command in the arming shift register. Otherwise, the device latch-in the command.
Figure 8.
Arming daisy-chain configuration
Arming SPI interface is based on 8-bit data transfer. The device is capable to receive a
multiple of 8-bit commands. The first byte of data coming out of MISO_A will be the arming
status bits. The subsequent bits will be the arming command bits received through MOSI_A
pin. Refer to below figure for an example of arming SPI transmission. This is an example of
arming SPI transmission based on the daisy-chain configuration.
In case of daisy chain connection for Arming SPI, device works as following:
All devices IC_1, IC_2, IC_3 shifted out data on the falling edge of SCLK_A for the first 8 bits
and shifted out data on the rising edge of SCLK_A for the bits after 8bits. therefore µP, IC_3,
IC_2 shall strobe 24bits on rising edge of SCLK_A, the first 8 bits are produced (by IC_3,
IC_2, IC_1 respectively) on the falling edge of SCLK_A. the remaining 16 bits are shifted out
on the rising edge.
MISO
MSB
LSB
Control Bits
Status Bits
Input Shift Register
SCLK
MOSI
CS_D
Output Shift Register
cs
vdd
vss
30µA
CS_S
30µA
MISO_A
MSB
LSB
Control Bits
Status Bits
SCLK_A
MOSI_A
CS_A
Shift Register
cs
vdd
vss
30µA
MISO
MOSI
CS
SCLK
MOSI_A
MISO_A
CS_A
SCLK_A
IC_1
IC_3
IC_2
µP
MOSI_A
MISO_A
CS_A
SCLK_A
CS_A
SCLK_A
MOSI_A
MISO_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com