Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 111Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 112Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 113Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 114Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 115Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 116Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 117Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 118Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 151 page
background image
ST72F324L, ST72324BL
115/151
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
12.4.2 Supply and Clock Managers
The previous current consumption specified for the ST7 functional operating modes over temperature
range does not take into account the clock source current consumption. To get the total device consump-
tion, the two current values must be added (except for HALT mode).
Notes:
1. Data based on characterization results, not tested in production.
2. Data based on characterization results done with the external components specified in Section 12.5.3 , not tested in
production.
3. As the oscillator is based on a current source, the consumption does not depend on the voltage.
12.4.3 On-Chip Peripherals
TA = 25°C fCPU=4MHz.
Notes:
1. Data based on a differential IDD measurement between reset configuration (timer counter running at fCPU/4) and timer
counter stopped (only TIMD bit set). Data valid for one timer.
2. Data based on a differential IDD measurement between reset configuration (SPI disabled) and a permanent SPI master
communication at maximum speed (data sent equal to 55h). This measurement includes the pad toggling consump-
tion.
3. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions.
Symbol
Parameter
Conditions
Typ
Max 1)
Unit
IDD(RCINT) Supply current of internal RC oscillator
625
µA
IDD(RES)
Supply current of resonator oscillator 2) & 3)
see Section
12.5.3 on page
117
IDD(PLL)
PLL supply current
180
µA
Symbol
Parameter
Conditions
Typ
Unit
IDD(TIM)
16-bit Timer supply current 1)
VDD=3.3V
20
µA
IDD(SPI)
SPI supply current 2)
250
IDD(ADC)
ADC supply current when converting 3)
300
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com