Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 107Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 108Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 109Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 110Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 111Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 112Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 113Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 114Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 151 page
background image
ST72F324L, ST72324BL
111/151
12.2 ABSOLUTE MAXIMUM RATINGS
Stresses above those listed as “absolute maxi-
mum ratings” may cause permanent damage to
the device. This is a stress rating only and func-
tional operation of the device under these condi-
tions is not implied. Exposure to maximum rating
conditions for extended periods may affect device
reliability.
12.2.1 Voltage Characteristics
12.2.2 Current Characteristics
Notes:
1. Directly connecting the RESET and I/O pins to VDD or VSS could damage the device if an unintentional internal reset
is generated or an unexpected change of the I/O configuration occurs (for example, due to a corrupted program counter).
To guarantee safe operation, this connection has to be done through a pull-up or pull-down resistor (typical: 4.7k
Ω for
RESET, 10k
Ω for I/Os). For the same reason, unused I/O pins must not be directly tied to V
DD or VSS.
2. IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum cannot be
respected, the injection current must be limited externally to the IINJ(PIN) value. A positive injection is induced by VIN>VDD
while a negative injection is induced by VIN<VSS. For true open-drain pads, there is no positive injection current, and the
corresponding VIN maximum must always be respected
3. All power (VDD) and ground (VSS) lines must always be connected to the external supply.
4. Negative injection disturbs the analog performance of the device. See note in “ADC Accuracy” on page 135.
5. When several inputs are submitted to a current injection, the maximum
ΣI
INJ(PIN) is the absolute sum of the positive
and negative injected currents (instantaneous values). These results are based on characterisation with
ΣI
INJ(PIN) maxi-
mum current injection on four I/O port pins of the device.
6. True open drain I/O port pins do not accept positive injection.
Symbol
Ratings
Maximum value
Unit
VDD - VSS
Supply voltage
6.5
V
VPP - VSS
Programming Voltage
13
VIN
1) & 2)
Input Voltage on true open drain pin
VSS-0.3 to 5.5
Input voltage on any other pin
VSS-0.3 to VDD+0.3
|
∆V
DDx| and |∆VSSx|
Variations between different digital power pins
50
mV
|VSSA - VSSx|
Variations between digital and analog ground pins
50
VESD(HBM)
Electro-static discharge voltage (Human Body Model)
see Section 12.7.3.1 on page 123
VESD(MM)
Electro-static discharge voltage (Machine Model)
Symbol
Ratings
Maximum value
Unit
IVDD
Total current into VDD power lines
(source) 3)
32-pin devices
75
mA
44-pin devices
150
IVSS
Total current out of VSS ground lines
(sink) for 3)
32-pin devices
75
mA
44-pin devices
150
IIO
Output current sunk by any standard I/O and control pin
25
mA
Output current sunk by any high sink I/O pin
50
Output current source by any I/Os and control pin
- 25
IINJ(PIN)
2) & 4)
Injected current on VPP pin
± 5
Injected current on RESET pin when not driven low in-
ternally
± 2
Injected current on flash device pin PB0
+ 5
Injected current on OSC1 and OSC2 pins
± 5
Injected current on any other pin 5) & 6)
± 5
ΣI
INJ(PIN)
2)
Total injected current (sum of all I/O and control pins) 5)
± 25
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com