Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 106Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 107Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 108Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 109Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 110Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 111Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 112Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 113Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 151 page
background image
ST72F324L, ST72324BL
110/151
12 ELECTRICAL CHARACTERISTICS
12.1 PARAMETER CONDITIONS
Unless otherwise specified, all voltages are re-
ferred to VSS.
By default, MCU characteristics are specified for
2.85 to 3.6V VDD.
12.1.1 Minimum and Maximum values
Unless otherwise specified the minimum and max-
imum values are guaranteed in the worst condi-
tions of ambient temperature, supply voltage and
frequencies by tests in production on 100% of the
devices with an ambient temperature at TA=25°C
and TA=TAmax (given by the selected temperature
range).
Data based on characterization results, design
simulation and/or technology characteristics are
indicated in the table footnotes and are not tested
in production. Based on characterization, the min-
imum and maximum values refer to sample tests
and represent the mean value plus or minus three
times the standard deviation (mean±3
Σ).
12.1.2 Typical values
Unless otherwise specified, typical data are based
on TA=25°C, VDD=3V. They are given only as de-
sign guidelines and are not tested.
Typical ADC accuracy values are determined by
characterization of a batch of samples from a
standard diffusion lot over the full temperature
range, where 95% of the devices have an error
less than or equal to the value indicated
(mean±2
Σ).
12.1.3 Typical curves
Unless otherwise specified, all typical curves are
given only as design guidelines and are not tested.
12.1.4 Loading capacitor
The loading conditions used for pin parameter
measurement are shown in Figure 54.
Figure 54. Pin loading conditions
12.1.5 Pin input voltage
The input voltage measurement on a pin of the de-
vice is described in Figure 55.
Figure 55. Pin input voltage
CL
ST7 PIN
VIN
ST7 PIN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com