Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 104Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 105Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 106Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 107Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 108Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 109Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 110Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 111Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 151 page
background image
ST72F324L, ST72324BL
108/151
INSTRUCTION SET OVERVIEW (Cont’d)
Mnemo
Description
Function/Example
Dst
Src
I1
H
I0
N
Z
C
ADC
Add with Carry
A = A + M + C
A
M
H
N
Z
C
ADD
Addition
A = A + M
A
M
H
N
Z
C
AND
Logical And
A = A . M
A
M
N
Z
BCP
Bit compare A, Memory
tst (A . M)
A
M
N
Z
BRES
Bit Reset
bres Byte, #3
M
BSET
Bit Set
bset Byte, #3
M
BTJF
Jump if bit is false (0)
btjf Byte, #3, Jmp1
M
C
BTJT
Jump if bit is true (1)
btjt Byte, #3, Jmp1
M
C
CALL
Call subroutine
CALLR
Call subroutine relative
CLR
Clear
reg, M
0
1
CP
Arithmetic Compare
tst(Reg - M)
reg
M
N
Z
C
CPL
One Complement
A = FFH-A
reg, M
N
Z
1
DEC
Decrement
dec Y
reg, M
N
Z
HALT
Halt
1
0
IRET
Interrupt routine return
Pop CC, A, X, PC
I1
H
I0
N
Z
C
INC
Increment
inc X
reg, M
N
Z
JP
Absolute Jump
jp [TBL.w]
JRA
Jump relative always
JRT
Jump relative
JRF
Never jump
jrf *
JRIH
Jump if ext. INT pin = 1
(ext. INT pin high)
JRIL
Jump if ext. INT pin = 0
(ext. INT pin low)
JRH
Jump if H = 1
H = 1 ?
JRNH
Jump if H = 0
H = 0 ?
JRM
Jump if I1:0 = 11
I1:0 = 11 ?
JRNM
Jump if I1:0 <> 11
I1:0 <> 11 ?
JRMI
Jump if N = 1 (minus)
N = 1 ?
JRPL
Jump if N = 0 (plus)
N = 0 ?
JREQ
Jump if Z = 1 (equal)
Z = 1 ?
JRNE
Jump if Z = 0 (not equal)
Z = 0 ?
JRC
Jump if C = 1
C = 1 ?
JRNC
Jump if C = 0
C = 0 ?
JRULT
Jump if C = 1
Unsigned <
JRUGE
Jump if C = 0
Jmp if unsigned >=
JRUGT
Jump if (C + Z = 0)
Unsigned >
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com