Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 102Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 103Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 104Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 105Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 106Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 107Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 108Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 109Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 151 page
background image
ST72F324L, ST72324BL
106/151
INSTRUCTION SET OVERVIEW (Cont’d)
11.1.6 Indirect Indexed (Short, Long)
This is a combination of indirect and short indexed
addressing modes. The operand is referenced by
its memory address, which is defined by the un-
signed addition of an index register value (X or Y)
with a pointer value located in memory. The point-
er address follows the opcode.
The indirect indexed addressing mode consists of
two sub-modes:
Indirect Indexed (Short)
The pointer address is a byte, the pointer size is a
byte, thus allowing 00 - 1FE addressing space,
and requires 1 byte after the opcode.
Indirect Indexed (Long)
The pointer address is a byte, the pointer size is a
word, thus allowing 64 Kbyte addressing space,
and requires 1 byte after the opcode.
Table
25.
Instructions
Supporting
Direct,
Indexed,
Indirect
and
Indirect
Indexed
Addressing Modes
11.1.7 Relative mode (Direct, Indirect)
This addressing mode is used to modify the PC
register value, by adding an 8-bit signed offset to
it.
The relative addressing mode consists of two sub-
modes:
Relative (Direct)
The offset is following the opcode.
Relative (Indirect)
The offset is defined in memory, which address
follows the opcode.
Long and Short
Instructions
Function
LD
Load
CP
Compare
AND, OR, XOR
Logical Operations
ADC, ADD, SUB, SBC
Arithmetic Additions/Sub-
stractions operations
BCP
Bit Compare
Short Instructions
Only
Function
CLR
Clear
INC, DEC
Increment/Decrement
TNZ
Test Negative or Zero
CPL, NEG
1 or 2 Complement
BSET, BRES
Bit Operations
BTJT, BTJF
Bit Test and Jump Opera-
tions
SLL, SRL, SRA, RLC,
RRC
Shift and Rotate Opera-
tions
SWAP
Swap Nibbles
CALL, JP
Call or Jump subroutine
Available Relative
Direct/Indirect
Instructions
Function
JRxx
Conditional Jump
CALLR
Call Relative
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com