Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 105Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 106Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 107Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 108Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 109Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 110Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 111Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 112Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 151 page
background image
ST72F324L, ST72324BL
109/151
INSTRUCTION SET OVERVIEW (Cont’d)
Mnemo
Description
Function/Example
Dst
Src
I1
H
I0
N
Z
C
JRULE
Jump if (C + Z = 1)
Unsigned <=
LD
Load
dst <= src
reg, M
M, reg
N
Z
MUL
Multiply
X,A = X * A
A, X, Y
X, Y, A
0
0
NEG
Negate (2's compl)
neg $10
reg, M
N
Z
C
NOP
No Operation
OR
OR operation
A = A + M
A
M
N
Z
POP
Pop from the Stack
pop reg
reg
M
pop CC
CC
M
I1
H
I0
N
Z
C
PUSH
Push onto the Stack
push Y
M
reg, CC
RCF
Reset carry flag
C = 0
0
RET
Subroutine Return
RIM
Enable Interrupts
I1:0 = 10 (level 0)
1
0
RLC
Rotate left true C
C <= A <= C
reg, M
N
Z
C
RRC
Rotate right true C
C => A => C
reg, M
N
Z
C
RSP
Reset Stack Pointer
S = Max allowed
SBC
Substract with Carry
A = A - M - C
A
M
N
Z
C
SCF
Set carry flag
C = 1
1
SIM
Disable Interrupts
I1:0 = 11 (level 3)
1
1
SLA
Shift left Arithmetic
C <= A <= 0
reg, M
N
Z
C
SLL
Shift left Logic
C <= A <= 0
reg, M
N
Z
C
SRL
Shift right Logic
0 => A => C
reg, M
0
Z
C
SRA
Shift right Arithmetic
A7 => A => C
reg, M
N
Z
C
SUB
Substraction
A = A - M
A
M
N
Z
C
SWAP
SWAP nibbles
A7-A4 <=> A3-A0
reg, M
N
Z
TNZ
Test for Neg & Zero
tnz lbl1
N
Z
TRAP
S/W trap
S/W interrupt
1
1
WFI
Wait for Interrupt
1
0
XOR
Exclusive OR
A = A XOR M
A
M
N
Z
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com