Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 109Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 110Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 111Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 112Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 113Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 114Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 115Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 116Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 151 page
background image
ST72F324L, ST72324BL
113/151
12.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for the ST7 functional operating modes over temperature
range does not take into account the clock source current consumption. To get the total device consump-
tion, the two current values must be added (except for HALT mode for which the clock is stopped).
12.4.1 CURRENT CONSUMPTION
Notes:
1. Data based on characterization results, tested in production at VDD max. and fCPU max.
2. Measurements are done in the following conditions:
- Progam executed from RAM, CPU running with RAM access. The increase in consumption when executing from Flash
is 50%.
- All I/O pins in input mode with a static value at VDD or VSS (no load)
- All peripherals in reset state.
- Clock input (OSC1) driven by external square wave.
- In SLOW and SLOW WAIT mode, fCPU is based on fOSC divided by 32.
To obtain the total current consumption of the device, add the clock source (Section 12.5.3) and the peripheral power
consumption (Section 12.4.3).
3. All I/O pins in push-pull 0 mode (when applicable) with a static value at VDD or VSS (no load). Data based on charac-
terization results, tested in production at VDD max. and fCPU max.
4. Data based on characterisation results, not tested in production. All I/O pins in push-pull 0 mode (when applicable) with
a static value at VDD or VSS (no load); clock input (OSC1) driven by external square wave. To obtain the total current
consumption of the device, add the clock source consumption (Section 12.5.3).
Symbol
Parameter
Conditions
Flash Devices
ROM Devices
Unit
Typ
Max 1)
Typ
Max 1)
IDD
Supply current in RUN mode
2)
fOSC=2MHz, fCPU=1MHz
fOSC=4MHz, fCPU=2MHz
fOSC=8MHz, fCPU=4MHz
fOSC=16MHz, fCPU=8MHz
0.9
1.4
2.5
4.7
1.35
2.1
3.8
7.0
0.23
0.45
0.88
1.8
0.5
1.0
2.0
4.0
mA
Supply current in SLOW
mode 2)
fOSC=2MHz, fCPU=62.5kHz
fOSC=4MHz, fCPU=125kHz
fOSC=8MHz, fCPU=250kHz
fOSC=16MHz, fCPU=500kHz
350
400
500
700
500
600
750
1000
15
40
80
170
45
90
180
350
µA
Supply current in WAIT
mode 2)
fOSC=2MHz, fCPU=1MHz
fOSC=4MHz, fCPU=2MHz
fOSC=8MHz, fCPU=4MHz
fOSC=16MHz, fCPU=8MHz
0.7
1.0
1.8
3.2
1.0
1.5
2.7
4.8
0.12
0.22
0.42
0.83
0.25
0.5
1
2
mA
Supply current in SLOW
WAIT mode 2)
fOSC=2MHz, fCPU=62.5kHz
fOSC=4MHz, fCPU=125kHz
fOSC=8MHz, fCPU=250kHz
fOSC=16MHz, fCPU=500kHz
330
370
440
570
500
550
650
900
10
20
50
100
31
63
125
250
µA
Supply current in HALT
mode 3)
<1
10
<1
10
µA
Supply current in ACTIVE-
HALT mode 4)
fOSC = 16 MHz
350
Not
guaran-
teed
45
100
µA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com