Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 123Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 124Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 125Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 126Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 127Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 128Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 129Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 130Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 151 page
background image
ST72F324L, ST72324BL
127/151
12.9 CONTROL PIN CHARACTERISTICS
12.9.1 Asynchronous RESET Pin
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Figure 72. Typical Application with RESET pin 6)7)8)
Notes:
1. Data guaranteed by design, not tested in production.
2. Hysteresis voltage between Schmitt trigger switching levels.
3. The IIO current sunk must always respect the absolute maximum rating specified in Section 12.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
4. To guarantee the reset of the device, a minimum pulse has to be applied to the RESET pin. All short pulses applied on
the RESET pin with a duration below th(RSTL)in can be ignored.
5. The reset network (the resistor and two capacitors) protects the device against parasitic resets, especially in noisy en-
vironments.
6. The output of the external reset circuit must have an open-drain output to drive the ST7 reset pad. Otherwise the device
can be damaged when the ST7 generates an internal reset (watchdog).
7. Whatever the reset source is (internal or external), the user must ensure that the level on the RESET pin can go below
the VIL max. level specified in Section 12.9.1 . Otherwise the reset will not be taken into account internally.
8. Because the reset circuit is designed to allow the internal RESET to be output in the RESET pin, the user must ensure
that the current source on the RESET pin (by an external pull-up for example) is less than the absolute maximum value
specified for IINJ(RESET) in Section 12.2.2 on page 111.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage 1)
Flash versions
0.16xVDD
V
ROM versions
0.3xVDD
VIH
Input high level voltage 1)
Flash versions
0.85xVDD
ROM versions
0.7xVDD
Vhys
Schmitt trigger voltage hysteresis 2)
2.5
VOL
Output low level voltage1)
IIO=+2mA
0.3
0.7
V
IIO
Output current on RESET pin when
driven low internally
2mA
RON
Weak pull-up equivalent resistor
VDD=3V
50
82
150
k
Ω
tw(RSTL)out Generated reset pulse duration
Internal reset sources
13
30
721)
µs
th(RSTL)in External reset pulse hold time
4)
2.5
µs
tg(RSTL)in Filtered glitch duration
5)
200
ns
0.01
µF
VDD
0.01
µF
EXTERNAL
RESET
CIRCUIT 5)
USER
VDD
4.7k
Ω
Required
Recommended
ST72XXX
PULSE
GENERATOR
Filter
RON
VDD
WATCHDOG RESET
INTERNAL
RESET
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com