Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 127Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 128Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 129Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 130Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 131Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 132Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 133Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 134Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 151 page
background image
ST72F324L, ST72324BL
131/151
COMMUNICATION INTERFACE CHARACTERISTICS (Cont’d)
Figure 75. SPI Slave Timing Diagram with CPHA=11)
Figure 76. SPI Master Timing Diagram 1)
Notes:
1. Measurement points are done at CMOS levels: 0.3xVDD and 0.7xVDD.
2. When no communication is on-going the data output line of the SPI (MOSI in master mode, MISO in slave mode) has
its alternate function capability released. In this case, the pin status depends of the I/O port configuration.
SS INPUT
CPHA=1
MOSI INPUT
MISO OUTPUT
CPHA=1
tw(SCKH)
tw(SCKL)
tr(SCK)
tf(SCK)
ta(SO)
tsu(SI)
th(SI)
MSB OUT
BIT6 OUT
LSB OUT
see
CPOL=0
CPOL=1
tsu(SS)
th(SS)
tdis(SO)
th(SO)
see
note 2
note 2
tc(SCK)
HZ
tv(SO)
MSB IN
LSB IN
BIT1 IN
SS INPUT
CPHA=0
MOSI OUTPUT
MISO INPUT
CPHA=0
CPHA=1
CPHA=1
tc(SCK)
tw(SCKH)
tw(SCKL)
th(MI)
tsu(MI)
tv(MO)
th(MO)
MSB IN
MSB OUT
BIT6 IN
BIT6 OUT
LSB OUT
LSB IN
seenote2
seenote2
CPOL=0
CPOL=1
CPOL=0
CPOL=1
tr(SCK)
tf(SCK)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com