Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 128Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 129Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 130Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 131Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 132Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 133Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 134Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 135Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 151 page
background image
ST72F324L, ST72324BL
132/151
12.12 10-BIT ADC CHARACTERISTICS
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Figure 77. RAIN max. vs fADC with CAIN=0pF
3)
Figure 78. Recommended CAIN & RAIN values.
4)
Notes:
1. When VAREF and VSSA pins are not available on the pinout, the ADC refers to VDD and VSS.
2. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
3. CPARASITIC represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad ca-
pacitance (3pF). A high CPARASITIC value will downgrade conversion accuracy. To remedy this, fADC should be reduced.
4. This graph shows that depending on the input signal variation (fAIN), CAIN can be increased for stabilization time and
decreased to allow the use of a larger serial resistor (RAIN).
5.The analog inputs of ROM devices are designed to be negative current tolerant. On Flash devices, injecting negative
current on any of the analog input pins significantly reduces the accuracy of any conversion being performed on any an-
alog input.
Analog pins can be protected against negative injection by adding a Schottky diode (pin to ground). Injecting negative
current on digital input pins degrades ADC accuracy especially if performed on a pin close to the analog input pins.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 12.8 does not affect the ADC
accuracy.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fADC
ADC clock frequency
0.4
1
MHz
VAREF
Analog reference voltage 1)
VDD
VDD
V
VAIN
Conversion voltage range 2)
VSSA
VAREF
Ilkg
Positive input leakage current for analog
input
-40°C
≤T
A≤85°C range
1
µA
ROM devices: negative input leakage
current on analog pins 5)
VIN<VSS, | IIN |< 400µA
on adjacent analog pin
56
µA
RAIN
External input impedance
see
Figure 77
and
Figure
782)3)4)
k
Ω
CAIN
External capacitor on analog input
pF
fAIN
Variation freq. of analog input signal
Hz
CADC
Internal sample and hold capacitor
12
pF
tADC
Conversion time (Sample+Hold)
fCPU=4MHz, SPEED=0 fADC=1MHz
15
µs
tADC
- No of sample capacitor loading cycles
- No. of Hold conversion cycles
4
11
1/fADC
0
5
10
15
20
25
30
35
40
45
010
30
70
CPARASITIC (pF)
1 MHz
0.1
1
10
100
1000
0.01
0.1
1
10
fAIN(KHz)
Cain 10 nF
Cain 22 nF
Cain 47 nF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com