Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324LJ4T5 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST72F324LJ4T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ4T5 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST72F324LJ4T5 Datasheet HTML 124Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 125Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 126Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 127Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 128Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 129Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 130Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 131Page - STMicroelectronics ST72F324LJ4T5 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 151 page
background image
ST72F324L, ST72324BL
128/151
CONTROL PIN CHARACTERISTICS (Cont’d)
12.9.2 ICCSEL/VPP Pin
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Figure 73. Two typical Applications with ICCSEL/VPP Pin
2)
Notes:
1. Data based on design simulation and/or technology characteristics, not tested in production.
2. When ICC mode is not required by the application ICCSEL/VPP pin must be tied to VSS.
Symbol
Parameter
Conditions
Min
Max
Unit
VIL
Input low level voltage 1)
FLASH versions
VSS
0.2
V
ROM versions
VSS
0.3xVDD
VIH
Input high level voltage 1)
FLASH versions
VDD-0.1
12.6
ROM versions
0.7xVDD
VDD
IL
Input leakage current
VIN=VSS
±1
µA
ICCSEL/VPP
ST72XXX
10k
Ω
PROGRAMMING
TOOL
VPP
ST72XXX
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com