Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-2 Datasheet(PDF) 139 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 135Page - STMicroelectronics BLUENRG-2 Datasheet HTML 136Page - STMicroelectronics BLUENRG-2 Datasheet HTML 137Page - STMicroelectronics BLUENRG-2 Datasheet HTML 138Page - STMicroelectronics BLUENRG-2 Datasheet HTML 139Page - STMicroelectronics BLUENRG-2 Datasheet HTML 140Page - STMicroelectronics BLUENRG-2 Datasheet HTML 141Page - STMicroelectronics BLUENRG-2 Datasheet HTML 142Page - STMicroelectronics BLUENRG-2 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
139/190
1/32 kHz minimum period.
Multiple modes: periodic interrupt and single interrupt generation.
Capability to switch between two load values in periodic mode. The timer reloads
alternatively from one load value to the other and the down-counter starts
decrementing every 31.25 μs (on average).
The RTC timer is a 32-bit free-running counter, clocked by the 32 kHz clock signal (from an
embedded 32 kHz RC), that works in two modes: periodic and one-shot.
Table 178: RTC modes
RTTOS bit
Mode
Description
0b
Periodic
The counter generates an interrupt at a constant interval, reloading a load
value after wrapping past zero. There are two load values: RTC_TLR1 for
pattern value 0 and RTC_TLR2 for pattern value 1.
1b
One-shot
The counter generates an interrupt once. When the counter reaches zero,
it halts until the user restarts it by: setting bit RTTEN in the RTC_TCR
register of writing a new value to the load register RTC_TLR1
The RTC timer load registers define the values from which the counter restarts
alternatively.
In periodic mode, the timer must be stopped by the software before writing to a load
register. The counter loads a value from RTC_TLR1 or from RTC_TLR2, depending on the
value of the current pattern value that crosses the pattern register to decide after each
interrupt generation, which value to load. The number of pattern bits to be crossed
periodically (from the 128 bits) is specified in RTC_TCR [10:4]. This process offers the
possibility to have better precision of the average tick period.
In one-shot mode, the timer stops when it reaches zero, but the software can also stop it.
Once the counter is halted, the load registers (RTC_TLR1, RTC_TLR2) can be written and
the counter considers the new written value. After a write, RTTEN (RTC_TCR) is set if the
timer is in self-start mode.
Writing to RTC_TLR1 or RTC_TLR2 has no effect when the counter is running
(the registers contents are not changed).
3.15.2.2
Real-time clock watch
The RTC clock watch consists of two counters and two alarm registers that have the
following features:
Two counters:
Counts seconds, minutes, hours, days of the week, days of the month.
Counts years.
Two alarm registers:
To trigger an interrupt at exact date and time.
The clock watch counters are split in two registers:
The RTC_CWDR register that holds:
Seconds on six bits. Valid values are 0 to 59. (60, 61, 62 and 63 are invalid values,
programming the RTC_CWDR with these values leads to unpredictable behavior.)
The seconds are incremented on the CLK1HZ clock rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com