Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C52LP Datasheet(PDF) 112 Page - Cypress Semiconductor

Part # CY8C52LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52LP Datasheet(HTML) 112 Page - Cypress Semiconductor

Back Button CY8C52LP Datasheet HTML 106Page - Cypress Semiconductor CY8C52LP Datasheet HTML 107Page - Cypress Semiconductor CY8C52LP Datasheet HTML 108Page - Cypress Semiconductor CY8C52LP Datasheet HTML 109Page - Cypress Semiconductor CY8C52LP Datasheet HTML 110Page - Cypress Semiconductor CY8C52LP Datasheet HTML 111Page - Cypress Semiconductor CY8C52LP Datasheet HTML 112Page - Cypress Semiconductor CY8C52LP Datasheet HTML 113Page - Cypress Semiconductor CY8C52LP Datasheet HTML 114Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 112 / 114 page
background image
PSoC® 5LP: CY8C52LP Family
Datasheet
Document Number: 001-84933 Rev. *L
Page 112 of 114
Document History Page
Description Title: PSoC® 5LP: CY8C52LP Family Datasheet Programmable System-on-Chip (PSoC®)
Document Number: 001-84933
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
3825653
MKEA
12/07/2012 Datasheet for new CY8C52LP family.
*A
3897878
MKEA
02/07/2013 Removed Preliminary status
Updated characterization footnotes in Electrical Specifications.
Updated conditions for SAR ADC INL and DNL specifications in Table 11-19
Updated Table 11-63 (ILO AC Specifications).
Changed "UDB Configuration" to "UDB Working Registers” in Table 5-5.
Removed references to CAN.
Updated VREF accuracy.
Updated INL VIDAC spec.
Removed drift specs from Voltage Reference Specifications.
*B
3902085
MKEA
02/12/2013 Changed Hibernate wakeup time from 125 µs to 200 µs in Table 6-3 and
Table 11-3.
*C
4114902
MKEA
09/30/2013 Added information about 1 KB cache in Features.
Added warning on reset devices in the EEPROM section.
Added DBGEN field in Table 5-3.
Deleted statement about repeat start from the I2C section.
Removed TSTG spec from Table 11-1 and added a note clarifying the
maximum storage temperature range.
Updated chip Idd, regulator, SAR ADC, IDAC, and VDAC graphs.
Added min and max values for the Regulator Output Capacitor parameter.
Updated CIN specs in GPIO DC Specifications and SIO DC Specifications.
Updated rise and fall time specs in Fast Strong mode in Table 11-9, and
deleted related graphs.
Updated Voltage Reference Specifications and IMO AC Specifications.
Updated 100-TQFP package diagram.
Added Appendix for CSP package (preliminary.
*D
4225729
MKEA
12/20/2013 Added SIO Comparator Specifications.
Changed THIBERNATE max value from 200 to 150.
Updated CSP package and ordering information.
Added 80 MHz parts in Table 12-1.
*E
4386988
MKEA
05/22/2014 Updated General Description and Features.
Added More Information and PSoC Creator sections.
Updated JTAG IDs in Ordering Information.
Updated 100-TQFP package diagram.
*F
4587100
MKEA
12/08/2014 Added link to AN72845 in Note 3.
Updated interrupt priority numbers in Section 4.4.
Updated Section 5.4 to clarify the factory default values of EEPROM.
Corrected ECCEN settings in Table 5-3.
Updated Section 6.1.1 and Section 6.1.2.
Added a note below Figure 6-4.
Updated Figure 6-12.
Changed ‘Control Store RAM’ to ‘Dynamic Configuration RAM’ in Figure 7-4
and changed Section 7.2.2.2 heading to ‘Dynamic Configuration RAM’.
Updated Section 7.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com