Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C52LP Datasheet(PDF) 113 Page - Cypress Semiconductor

Part # CY8C52LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52LP Datasheet(HTML) 113 Page - Cypress Semiconductor

Back Button CY8C52LP Datasheet HTML 106Page - Cypress Semiconductor CY8C52LP Datasheet HTML 107Page - Cypress Semiconductor CY8C52LP Datasheet HTML 108Page - Cypress Semiconductor CY8C52LP Datasheet HTML 109Page - Cypress Semiconductor CY8C52LP Datasheet HTML 110Page - Cypress Semiconductor CY8C52LP Datasheet HTML 111Page - Cypress Semiconductor CY8C52LP Datasheet HTML 112Page - Cypress Semiconductor CY8C52LP Datasheet HTML 113Page - Cypress Semiconductor CY8C52LP Datasheet HTML 114Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 113 / 114 page
background image
PSoC® 5LP: CY8C52LP Family
Datasheet
Document Number: 001-84933 Rev. *L
Page 113 of 114
*G
4698847
MKEA / GJV
03/24/2015 Updated System Integration:
Updated Power System:
Updated Boost Converter:
Updated entire section.
Updated Electrical Specifications:
Updated Power Regulators:
Updated Inductive Boost Regulator:
Updated Table 11-6:
Updated details of VBAT, IOUT, VOUT, RegLOAD, RegLINE parameters.
Removed VOUT: VBAT parameter and its details.
Removed Table “Inductive Boost Regulator AC Specifications”.
Updated Table 11-7:
Updated details of LBOOST, CBOOST parameters.
Added CBAT parameter and its details.
Added Figure 11-8, Figure 11-9, Figure 11-10, Figure 11-11, Figure 11-12,
Figure 11-13, Figure 11-14.
Removed Figure “Efficiency vs IOUT VBOOST = 3.3 V, LBOOST = 10 μH”.
Removed Figure “Efficiency vs IOUT VBOOST = 3.3 V, LBOOST = 22 μH”.
Updated Appendix: CSP Package Summary:
Updated Packaging:
spec 001-88034 – Changed revision from ** to *A.
*H
4839323
MKEA
07/15/2015 Added reference to code examples in More Information.
Updated typ value of TWRITE from 2 to 10 in EEPROM AC specs table.
Changed “Device supply for USB operation" to "Device supply (VDDD) for
USB operation" in USB DC Specifications.
Clarified power supply sequencing and margin for VDDA and VDDD.
Updated Serial Wire Debug Interface with limitations of debugging on Port
15.
Updated Delta-sigma ADC DC Specifications
*I
5030641
MKEA
11/30/2015 Added Table 2-1.
Removed the configurable XRES information.
Updated Section 5.6
Updated Section 6.3.1.1.
Updated values for DSI Fmax, Fgpioin max, and Fsioin max.
Corrected the web link for the PSoC 5 Device Programming Specifications
in Section 9.
Updated CSP Package Bootloader section.
Added MHzECO DC Specifications.
Updated 99-WLCSP and 100-pin TQFP package drawings.
Added a footnote reference for the "CY8C5287AXI-LP095" part in Table 12-1
clarifying that it has 256 KB flash.
Added the CY8C5667AXQ-LP040 part in Table 12-1.
*J
5478402
MKEA
10/25/2016 Updated More Information.
Add Links to CAD Libraries in Section 2.
Corrected typos in External Electrical Connections.
*K
5703770
GNKK
04/20/2017 Updated the Cypress logo and copyright information.
*L
5772009
JIAO
06/13/2017 Added CY8C5266FNI-LP205 in Ordering Information.
Document History Page (continued)
Description Title: PSoC® 5LP: CY8C52LP Family Datasheet Programmable System-on-Chip (PSoC®)
Document Number: 001-84933
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com