Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9230 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL9230
Description  High Power Li-Ion Charger W/I-Path Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9230 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL9230 Datasheet HTML 1Page - Renesas Technology Corp ISL9230 Datasheet HTML 2Page - Renesas Technology Corp ISL9230 Datasheet HTML 3Page - Renesas Technology Corp ISL9230 Datasheet HTML 4Page - Renesas Technology Corp ISL9230 Datasheet HTML 5Page - Renesas Technology Corp ISL9230 Datasheet HTML 6Page - Renesas Technology Corp ISL9230 Datasheet HTML 7Page - Renesas Technology Corp ISL9230 Datasheet HTML 8Page - Renesas Technology Corp ISL9230 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL9230
FN7642 Rev 2.00
Page 3 of 20
September 22, 2011
Pin Configuration
ISL9230
(16 LD QFN)
TOP VIEW
1
2
3
5
6
11
10
8
7
12 ILIM
NTC
VOUT
9
4
VOUT
CHG
13
14
15
16
VBAT
VBAT
CHGEN
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1
NTC
The NTC pin sources a current to develop a voltage across the battery pack NTC resistor. Placing a 10k
NTC thermistor
will check if the battery’s temperature is out of the safe temperature window. If the temperature is out of the safe
operating window, the charger is suspended. For applications that do not require the use of the NTC function, connect
a 10k
fixed resistor from NTC to GND to maintain a valid voltage level on the NTC pin.
2, 3
VBAT
Charger output pin. Connect this pin to the battery. A 1µF or larger X5R ceramic capacitor is recommended for
decoupling and stability purposes.
4CHGEN
Battery charger enable pin. The CHGEN pin is a logic input pin to provide external charge control. An internal 670k
pull-down resistor is connected to this pin. Drive the pin HIGH to disable the charger during charging. When CHGEN is
high, VOUT is still active and the battery power remains available at VOUT. To ensure proper operation, do not leave this
pin unconnected.
5
AC/USB
Selects between Adapter and USB input power. Pull high for selecting adapter power and pull low for USB power. An
internal 670k
 pull-down resistor is connected to this pin. To ensure proper operation, do not leave this pin
unconnected.
6
MODE
In combination with the AC/USB pin, this pin selects the input current limit levels. If AC/USB pin is low, a low on the
Mode pin sets the USB current to 100mA, and a high selects the 500mA limit. If the AC/USB pin is high, a low on the
mode pin selects the ILIM programmed current and a high will put the ISL9230 into a suspend state. An internal
280k
 pull-down resistor is connected to this pin. To ensure proper operation, do not leave this pin unconnected.
7PG
Open-drain power good indication. The open-drain MOSFET turns on when the input voltage is above the POR threshold
but below the OVP threshold. This pin is capable of sinking 5mA (minimum) to drive a LED. The maximum voltage rating
for this pin is 6.5V and it is recommended to use VOUT as the pull-up voltage.
8
GND
Connect to ground.
9CHG
Open-drain charge indication pin. This pin outputs a logic LOW when a charge cycle starts and goes Hi-Z when an
end-of-charge (EOC) condition is qualified. This pin is capable of sinking 5mA min. to drive an LED. When the charger
is disabled, the CHG is also in a Hi-Z state.
10, 11
VOUT
Output connection to the system. When a valid input power is present, this pin provides a 3.4V regulated voltage for the
system during trickle charge and is maintained at VBAT + 225mV during fast charging. A 4.7µF or larger X5R ceramic
capacitor is recommended for decoupling and stability purposes.
12
ILIM
Input current limit programming pin. Connect a resistor between this pin and the GND to set the input current limit
determined by Equation 1 when AC/USB = 1, MODE = 0
Where RILIM is in k
If the ILIM pin is left unconnected, all input current is disabled.
ILIM
1610
RILIM
--------------
mA

200mA ILIM 1.5A
=
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com