Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9230 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL9230
Description  High Power Li-Ion Charger W/I-Path Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9230 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL9230 Datasheet HTML 1Page - Renesas Technology Corp ISL9230 Datasheet HTML 2Page - Renesas Technology Corp ISL9230 Datasheet HTML 3Page - Renesas Technology Corp ISL9230 Datasheet HTML 4Page - Renesas Technology Corp ISL9230 Datasheet HTML 5Page - Renesas Technology Corp ISL9230 Datasheet HTML 6Page - Renesas Technology Corp ISL9230 Datasheet HTML 7Page - Renesas Technology Corp ISL9230 Datasheet HTML 8Page - Renesas Technology Corp ISL9230 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ISL9230
FN7642 Rev 2.00
Page 4 of 20
September 22, 2011
13
VIN
Power input. The absolute maximum input voltage is 26V. A 4.7µF or larger value capacitor is recommended to be
placed very close to the input pin for decoupling purposes. Additional capacitance may be required to provide a stable
input voltage.
14
TIME
Timing resistor pin. The TIME pin determines the oscillation period by connecting a timing resistor between this pin and
GND. The oscillator also provides a time reference for the charger calculated in Equation 2. Equation 3 provides the
formula for finding the Pre-conditioning time, which is 1/10 of the Fast Charge timer. Leaving the TIME pin unconnected
sets the timer to the default values of 30 minutes for pre-conditioning and 5 hours for fast charge.
Where RTIME is in k
15
CONT
Active high overrides the end-of-charge (EOC) or timer termination. By pulling the continuous charge CONT pin high, the
device will continue to charge the battery when the current has fallen below IEOC or the safety timer has timed out. The
status of this pin can not be changed after POR. The CONT pin is internally pulled down to GND by a 280k
 resistor,
but to ensure proper operation, do not leave the CONT pin floating.
16
IREF
Charge current program and monitoring pin. Connect a resistor between this pin and the GND pin to set the charge
current limit determined by Equation 4:
Where RIREF is in k. The IREF pin voltage also monitors the actual charge current during the entire charge cycle,
including the trickle, constant-current, and constant-voltage phases. When disabled, VIREF = 0V.
-
EPAD
Exposed pad. Connect as much copper as possible to this pad either on the component layer or other layers through
thermal vias to enhance the thermal performance.
Pin Descriptions (Continued)
PIN NUMBER
SYMBOL
DESCRIPTION
tFAST
8RTIME
Min

=
(EQ. 2)
tPRE
0.8 RTIME
Min

=
(EQ. 3)
IFAST
890
RIREF
---------------
mA

=
(EQ. 4)
TABLE 1. INPUT CURRENT LIMIT SELECTION
AC/USB
MODE
DESCRIPTION
0
0
USB 100mA limit
0
1
USB 500mA limit
10
RILIM current programming
11
Suspend mode
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL9230IRZ
DLBB
-40 to +85
16 Ld 3x3 QFN
L16.3x3E
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL9230. For more information on MSL please see techbrief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com