Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9230 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL9230
Description  High Power Li-Ion Charger W/I-Path Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9230 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL9230 Datasheet HTML 3Page - Renesas Technology Corp ISL9230 Datasheet HTML 4Page - Renesas Technology Corp ISL9230 Datasheet HTML 5Page - Renesas Technology Corp ISL9230 Datasheet HTML 6Page - Renesas Technology Corp ISL9230 Datasheet HTML 7Page - Renesas Technology Corp ISL9230 Datasheet HTML 8Page - Renesas Technology Corp ISL9230 Datasheet HTML 9Page - Renesas Technology Corp ISL9230 Datasheet HTML 10Page - Renesas Technology Corp ISL9230 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ISL9230
FN7642 Rev 2.00
Page 7 of 20
September 22, 2011
Input Current Limit Accuracy
ILIM_AC1
RILIM = 1.62k
955
1000
1045
mA
ILIM_AC2
RILIM = 4.32k
340
375
410
mA
ILIM_100
AC/USB = 0, Mode = 0
78
88
98
mA
ILIM_500
AC/USB = 0, Mode = 1
380
440
500
mA
Fast Charge Current Range
IFAST
VBAT < 4.2V, AC/USB = 1, Mode = 0
300
1500
mA
Fast Charge Current
RIREF = 1.78k
450
500
550
mA
RIREF = 887
900
1000
1100
mA
Trickle Charge Current
ITRK
AC/USB, MODE not equal to (1, 1)
RIREF = 1.78kITRK88RIREF)
39
49
58
mA
End Of Charge Current
IEOC_USB100 AC/USB = 0, Mode = 0, RIREF = 887
13
29
46
mA
IEOC_USB500 AC/USB = 0, Mode = 1, RIREF = 887
70
96
125
mA
IEOC_AC
RIREF = 887
76
96
116
mA
End Of Charge Deglitch Time
tEOC
25
ms
PRECONDITIONING VOLTAGE THRESHOLD
Preconditioning Threshold Voltage
VMIN
VIN > VPOR and VIN > VBAT + VOS
2.9
3.0
3.1
V
Trickle Charge to Fast Charge Deglitch
Time
tCHG_LH
25
ms
Fast Charge to Trickle Charge Deglitch
Time
tCHG_HL
25
ms
CHARGING TIMERS (Note 7)
Fast Charge Timer
tFAST
RTIME = 30k
180
240
300
Min
RTIME = Floating
240
300
360
Trickle Charge Timer
tPRE
RTIME = 30k
24
Min
RTIME = Floating
24
30
36
INTERNAL TEMPERATURE MONITORING
Charger Current Thermal Foldback
Threshold
TFOLD
125
°C
Thermal Shutdown Threshold
TSD
TJ rising
155
°C
Thermal Shutdown Hysteresis
TSD_HYS
20
°C
EXTERNAL TEMPERATURE MONITORING
Thermistor Bias Current
IT
VIN >VPOR and VIN > VBAT + VOS
72
75
78
A
High Temperature Threshold
VTMAX
VNTC falling
240
295
340
mV
High Temperature Hysteresis
VTMAX_H
VNTC rising after reaching VTMAX
30
mV
Low Temperature Threshold
VTMIN
VNTC rising
2000
2100
2200
mV
Low Temperature Hysteresis
VTMIN_H
VNTC falling after reaching VTMIN
300
mV
Temperature Trip Deglitch Time
tT_DG
Measured from NTC fault to charger disabled
50
ms
NTC Pin Disable Threshold
VDIS_NTC
Referenced to VIN, NTC unconnected
-300
mV
LOGIC INPUT AND OUTPUTS
CHGEN, CONT, MODE, AC/USB Logic
Input High
1.4
V
Electrical Specifications Typical values are tested at VIN = 5V, VBAT = 3.6V and the ambient temperature at +25°C. MIN/MAX
limits are across the operating conditions, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to
+85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com