Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9230 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL9230
Description  High Power Li-Ion Charger W/I-Path Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9230 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL9230 Datasheet HTML 4Page - Renesas Technology Corp ISL9230 Datasheet HTML 5Page - Renesas Technology Corp ISL9230 Datasheet HTML 6Page - Renesas Technology Corp ISL9230 Datasheet HTML 7Page - Renesas Technology Corp ISL9230 Datasheet HTML 8Page - Renesas Technology Corp ISL9230 Datasheet HTML 9Page - Renesas Technology Corp ISL9230 Datasheet HTML 10Page - Renesas Technology Corp ISL9230 Datasheet HTML 11Page - Renesas Technology Corp ISL9230 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL9230
FN7642 Rev 2.00
Page 8 of 20
September 22, 2011
CHGEN, CONT, MODE, AC/USB Logic
Input Low
0.4
V
CHGEN and AC/USB Pin Internal
Pull-Down Resistance
570
670
770
k
CONT and MODE Pin Internal Pull-Down
Resistance
220
280
340
k
PG, CHG
Driving Capability when LOW
Pin Voltage = 0.4V
5
mA
Leakage Current when HIGH
Pin Voltage = 5V, VOUT = VBAT = 5V
1
µA
NOTES:
6. The input current charge current can be affected by the thermal foldback function if the IC under the test setup cannot dissipate the heat.
7. Limits established by characterization and are not production tested.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications Typical values are tested at VIN = 5V, VBAT = 3.6V and the ambient temperature at +25°C. MIN/MAX
limits are across the operating conditions, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to
+85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com