Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9230 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL9230
Description  High Power Li-Ion Charger W/I-Path Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9230 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL9230 Datasheet HTML 2Page - Renesas Technology Corp ISL9230 Datasheet HTML 3Page - Renesas Technology Corp ISL9230 Datasheet HTML 4Page - Renesas Technology Corp ISL9230 Datasheet HTML 5Page - Renesas Technology Corp ISL9230 Datasheet HTML 6Page - Renesas Technology Corp ISL9230 Datasheet HTML 7Page - Renesas Technology Corp ISL9230 Datasheet HTML 8Page - Renesas Technology Corp ISL9230 Datasheet HTML 9Page - Renesas Technology Corp ISL9230 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL9230
FN7642 Rev 2.00
Page 6 of 20
September 22, 2011
Short-Circuit Detection threshold
VSC
VIN > VPOR and VIN > VBAT + VOS
510
mV
SHORT CIRCUIT DETECTION
Battery Short Circuit Detection Current
IBSC
VBAT = 1.5V
3
5.5
8
mA
Battery Short Circuit Threshold
VBSC
1.6
1.8
2.0
V
Output Short Circuit Detection at Valid VIN
VOSC1
VIN > VPOR
VIN > VBAT + VOS
0.8
0.9
1.0
V
Output Short Circuit Detection, Load
Sharing Mode (Note 7)
VOSC2
Referenced to VBAT
VIN > VPOR
VIN > VBAT + VOS
-200
-250
-300
mV
Blanking Time for VSC2
BTOSC2
250
s
Recovery Time for VSC2
RTOSC2
60
ms
OPERATING CURRENT
BAT Pin Supply Current
IVBAT
No supply at VIN, CHGEN = LOW
6.5
µA
VIN Pin Suspend Current
IVIN
Charger enabled, AC/USB = Mode = 1
200
µA
VIN Pin Supply Current
IVIN
Charger enabled
1.5
mA
VOLTAGE REGULATION
Output Voltage
VO_REG
VIN > VOUT + VDO_Q1, VBAT > 3.2V
System current + charge current = 15mA
VBAT +
0.150
VBAT +
0.225
VBAT +
0.270
V
VIN > VOUT + VDO_Q1, VBAT < 3.2V
System current + charge current = 15mA
3.3
3.4
3.5
Charger Output Voltage
VB_REG
Charge current = 10mA, TA = +25°C
4.185
4.20
4.215
V
Charge current = 10mA
4.16
4.20
4.23
IREF Pin Voltage
VIREF
VBAT = 3.8V
1.8
2.24
2.55
V
POWER PATH
Output DPPM Threshold Voltage
VDPPM
Output voltage threshold where charge current starts to
reduce. Referenced to regulated VOUT
-200
-100
-50
mV
Input DPM Threshold Voltage
VIN-DPM
Input voltage threshold where the input current starts
to reduce, AC/USB = 0, MODE = X
4.36
V
Battery Supply Enter Threshold
VBSUP_ON
Referenced to VBAT, VBAT = 3.6V
-40
mV
Battery Supply Exit Threshold
VBSUP_OFF
Referenced to VBAT, VBAT = 3.6V
-20
mV
DROPOUT VOLTAGE
Q1 Dropout Voltage (VIN-VOUT)
(Note 7)
VDO_Q1
VOUT = 4.3V, IIN = 1A, VBAT = 4.2V
300
475
mV
Q2 Dropout Voltage
(VBAT-VOUT)
VDO_Q2
VIN = 0V, VBAT > 3V, IOUT = 1A
40
80
mV
RECHARGE THRESHOLD
Recharge Voltage Threshold
VRCH
Referenced to VB_REG
-215
-120
-50
mV
Recharge Deglitch Time
tRCH
tRCH includes tDET (CONT = 0)
300
ms
Delay Time, Input Power Loss to VOUT
LDO Turn-Off
tNO-IN
VBAT = 3.6V Time is measure from VIN: 5V to 3V at 1µs
fall time
20
ms
CURRENT REGULATION (Note 6)
Input Current Limit Range
ILIM_RNG
AC/USB = 1, Mode = 0
200
1500
mA
Electrical Specifications Typical values are tested at VIN = 5V, VBAT = 3.6V and the ambient temperature at +25°C. MIN/MAX
limits are across the operating conditions, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to
+85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com