Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9230 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL9230
Description  High Power Li-Ion Charger W/I-Path Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9230 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL9230 Datasheet HTML 5Page - Renesas Technology Corp ISL9230 Datasheet HTML 6Page - Renesas Technology Corp ISL9230 Datasheet HTML 7Page - Renesas Technology Corp ISL9230 Datasheet HTML 8Page - Renesas Technology Corp ISL9230 Datasheet HTML 9Page - Renesas Technology Corp ISL9230 Datasheet HTML 10Page - Renesas Technology Corp ISL9230 Datasheet HTML 11Page - Renesas Technology Corp ISL9230 Datasheet HTML 12Page - Renesas Technology Corp ISL9230 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ISL9230
FN7642 Rev 2.00
Page 9 of 20
September 22, 2011
Typical Characteristics V
IN = 5V, VBAT = 3.6V, AC/USB = 1, MODE = 0, TA = +25°C, unless otherwise
specified.
FIGURE 2. DESCRIPTION OF CHARGING MODES AS VBAT VARIES
FIGURE 3. ADAPTER PLUG-IN WITH BATTERY CONNECTED
FIGURE 4. BATTERY DETECTION - BATTERY REMOVED
FIGURE 5. BATTERY DETECTION - BATTERY INSERTED/REMOVED
FIGURE 6. CHARGER ON/OFF BY CHGEN (ROUT = 10Ω
FIGURE 7. CHARGER ON/OFF CHGEN (ROUT = 10, VBAT = 3.6V)
VOUT
VBAT
CHG
IBAT
2V/DIV
200mA/DIV
2V/DIV
2V/DIV
200s/DIV
END OF CHARGE OCCURS
WHEN IBAT < IEOC
FROM THE CV THRESHOLD
RECHARGE OCCURS WHEN
VBAT FALLS BELOW 100mV
END OF CHARGE OCCURS
AGAIN WHEN VBAT > 4.2V
FAST CHARGE BEGINS
WHEN VBAT > 3V
VBAT RAMPING UP
CV CHARGE OCCURS
WHEN VBAT REACHES
4.2V
FROM 0V
TRICKLE CHARGE
BEGINS WHEN
VBAT > 1.8V
2V/DIV
200mA/DIV
2V/DIV
5V/DIV
VIN
IBAT
CHG
VOUT
10ms/DIV
VIN
VBAT
CHG
VOUT
200ms/DIV
BATTERY DETECTION MODE
2V/DIV
1V/DIV
1V/DIV
5V/DIV
VOUT
VBAT
CHG
IBAT
2V/DIV
2V/DIV
5V/DIV
500mA/DIV
200ms/DIV
TRICKLE CHARGE
BATTERY INSERTED
BATTERY REMOVED
BATTERY NOT PRESENT
CHGEN
IBAT
IOUT
VOUT
5V/DIV
500mA/DIV
500mA/DIV
5V/DIV
4ms/DIV
TRICKLE CHARGE
CHGEN
IBAT
IOUT
VOUT
5V/DIV
500mA/DIV
500mA/DIV
5V/DIV
4ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com