Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9230 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL9230
Description  High Power Li-Ion Charger W/I-Path Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9230 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL9230 Datasheet HTML 9Page - Renesas Technology Corp ISL9230 Datasheet HTML 10Page - Renesas Technology Corp ISL9230 Datasheet HTML 11Page - Renesas Technology Corp ISL9230 Datasheet HTML 12Page - Renesas Technology Corp ISL9230 Datasheet HTML 13Page - Renesas Technology Corp ISL9230 Datasheet HTML 14Page - Renesas Technology Corp ISL9230 Datasheet HTML 15Page - Renesas Technology Corp ISL9230 Datasheet HTML 16Page - Renesas Technology Corp ISL9230 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ISL9230
FN7642 Rev 2.00
Page 13 of 20
September 22, 2011
FIGURE 26. CHARGE CURRENT vs INPUT VOLTAGE
FIGURE 27. INPUT VOLTAGE POR THRESHOLD vs TEMPERATURE
Typical Characteristics V
IN = 5V, VBAT = 3.6V, AC/USB = 1, MODE = 0, TA = +25°C, unless otherwise
specified. (Continued)
0
0.2
0.4
0.6
0.8
1.0
1.2
3.6
4.0
4.4
4.8
5.2
5.6
6.0
6.4
6.8
VIN (V)
3.20
3.25
3.30
3.35
3.40
3.45
3.50
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
T < BTOSC2
RTOSC2
RTOSC2
BTOSC2
BTOSC2
SHORT
REMOVED
Q2 OFF
Q2 ON
Q2 OFF
TIME
SHORT
OCCURED
SHORT
REMOVED
SHORT
OCCURED
= ISC X RDSON (Q2)
VOUT IS SHORTED, Q2 IS ON
BTOSC2
Q2 ON
= VBAT
(VOUT = ~ 0V)
Q2 IS OFF
= IOUT X RDSON (Q2)
IOUT = NORMAL,
Q2 IS ON
= 0V
IOUT = 0,
Q2 IS ON,
VOUT = VBAT
VOSC2
FIGURE 28. VOUT SHORT CIRCUIT CHARACTERISTIC AT SUPPLEMENTAL MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com