Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8270MEVAL1Z Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # ISL8270MEVAL1Z
Description  Digital DC/DC PMBus 25A Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8270MEVAL1Z Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button ISL8270MEVAL1Z Datasheet HTML 38Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 39Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 40Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 41Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 42Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 43Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 44Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 45Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
ISL8270M
FN8635 Rev.4.00
Page 42 of 56
Aug 17, 2017
LEGACY_FAULT_GROUP (A8h)
Definition: This command is used only when the power system is created by mixing the ISL8270M module with old generation digital
modules (ZL9101M, ZL9117M, ZL9006M, ZL9010M) to power various rails. This command provides the ability to power down the
system by broadcasting faults between old and new generation digital modules.
New generation module uses group ID to broadcast faults between each other. Refer to DDC_GROUP(E2h) command. Old generation
module uses rail ID to broadcast fault. When new and old modules are mixed, ISL8270M can use GROUP-ID (new generation module)
and/or RAIL-ID (old generation module) to execute a shutdown as a response to a fault in the selected GROUP_ID or RAIL-ID. A module
can listen to multiple RAIL-IDs by writing 1 to a bit location representing RAIL-ID of old generation modules.
NOTE: Bit-5 in the DDC_GROUP command should be programmed 1 to activate fault broadcast.
Data length in Bytes: 4
Data Format: BIT
Type: R/W Block
Default Value: 00000000h
Units: N/A
USER_DATA_00 (B0h)
Definition: Sets a user defined data. The sum total of characters in MFR_ID, MFR_MODEL, MFR_REVISION, MFR_LOCATION, MFR_DATE,
MFR_SERIAL, and USER_DATA_00 plus one byte per command cannot exceed 128 characters. This limitation includes multiple writes
of this command before a STORE command. To clear multiple writes, perform a RESTORE, write this command, then perform a
STORE/RESTORE.
Data Length in Bytes: User defined
Data Format: ASCII
Type: Block R/W
Default Value: null
Units: N/A
BIT
DESCRIPTION
BIT
DESCRIPTION
BIT
DESCRIPTION
BIT
DESCRIPTION
31
Listen to Rail-31
23
Listen to Rail-23
15
Listen to Rail-15
7
Listen to Rail-7
30
Listen to Rail-30
22
Listen to Rail-22
14
Listen to Rail-14
6
Listen to Rail-6
29
Listen to Rail-29
21
Listen to Rail-21
13
Listen to Rail-13
5
Listen to Rail-5
28
Listen to Rail-28
20
Listen to Rail-20
12
Listen to Rail-12
4
Listen to Rail-4
27
Listen to Rail-27
19
Listen to Rail-19
11
Listen to Rail-11
3
Listen to Rail-3
26
Listen to Rail-26
18
Listen to Rail-18
10
Listen to Rail-10
2
Listen to Rail-2
25
Listen to Rail-25
17
Listen to Rail-17
9
Listen to Rail-9
1
Listen to Rail-1
24
Listen to Rail-24
16
Listen to Rail-16
8
Listen to Rail-8
0
Listen to Rail-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com