Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8270MEVAL1Z Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # ISL8270MEVAL1Z
Description  Digital DC/DC PMBus 25A Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8270MEVAL1Z Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button ISL8270MEVAL1Z Datasheet HTML 41Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 42Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 43Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 44Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 45Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 46Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 47Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 48Page - Renesas Technology Corp ISL8270MEVAL1Z Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
ISL8270M
FN8635 Rev.4.00
Page 45 of 56
Aug 17, 2017
SEQUENCE (E0h)
Definition: Identifies the Rail DDC ID of the prequel and sequel rails when performing multi-rail sequencing. The device will enable its
output when its EN or OPERATION enable states, as defined by ON_OFF_CONFIG, is set and the prequel device has issued a Power-Good
event on the DDC bus. The device will disable its output (using the programmed delay values) when the sequel device has issued a
Power-Down event on the DDC bus.
The data field is a two-byte value. The most-significant byte contains the 5-bit Rail DDC ID of the prequel device. The least-significant
byte contains the 5-bit Rail DDC ID of the sequel device. The most significant bit of each byte contains the enable of the prequel or
sequel mode. This command overrides the corresponding sequence configuration set by the CONFIG pin settings.
Data Length in Bytes: 2
Data Format: BIT
Type: R/W
Default Value: 0000h (Prequel and Sequel disabled)
DDC_GROUP (E2h)
Definition: Configures fault spreading group ID and enable, broadcast OPERATION group ID and enable, and broadcast
VOUT_COMMAND group ID and enable.
Data Length in Bytes: 3
Data Format: BIT
Type: R/W
Default Value: 000000h (Ignore BROADCAST VOUT_COMMAND and OPERATION, Sequence shutdown on POWER_FAIL event)
BIT
FIELD NAME
VALUE
SETTING
DESCRIPTION
15
Prequel Enable
0
Disable
Disable, no prequel preceding this rail.
1
Enable
Enable, prequel to this rail is defined by bits 12:8.
14:13
Reserved
0
Reserved
Reserved.
12:8
Prequel Rail DDC ID
0-31
DDC ID
Set to the DDC ID of the prequel rail.
7
Sequel Enable
0
Disable
Disable, no sequel following this rail.
1
Enable
Enable, sequel to this rail is defined by bits 4:0.
6:5
Reserved
0
Reserved
Reserved.
4:0
Sequel Rail DDC ID
0-31
DDC ID
Set to the DDC ID of the sequel rail.
BITS
PURPOSE
VALUE
DESCRIPTION
23:22
Reserved
0
Reserved
21
BROADCAST_VOUT_COMMAND Response
1
Responds to BROADCAST_VOUT_COMMAND with same Group ID.
0Ignores BROADCAST_VOUT_COMMAND.
20:16
BROADCAST_VOUT_COMMAND Group ID
0-31d
Group ID sent as data for broadcast BROADCAST_VOUT_COMMAND events.
15:14
Reserved
0
Reserved.
13
BROADCAST_OPERATION Response
1
Responds to BROADCAST_OPERATION with same Group ID.
0Ignores BROADCAST_OPERATION.
12:8
BROADCAST_OPERATION Group ID
0-31d
Group ID sent as data for broadcast BROADCAST_OPERATION events.
7:6
Reserved
0
Reserved.
5
POWER_FAIL Response
1
Responds to POWER_FAIL events with same Group ID by shutting down
immediately.
0
Responds to POWER_FAIL events with same Group ID with sequenced shutdown.
4:0
POWER_FAIL group ID
0-31d
Group ID sent as data for broadcast POWER_FAIL events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com