Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97635IRZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL97635IRZ
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635IRZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL97635IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 11 of 28
Sep 26, 2017
Theory of Operation
PWM Boost Converter
The current mode PWM boost converter produces the minimal
voltage needed to enable the LED stack with the highest forward
voltage drop to run at the programmed current. The ISL97635
employs current mode control boost architecture that has a fast
current sense loop and a slow voltage feedback loop. Such
architecture achieves a fast transient response that is essential
for the notebook backlight application where the power can be a
series of drained batteries or instantly change to an AC/DC
adapter without rendering a noticable visual nuisance. The
number of LEDs that can be driven by ISL97635 depends on the
type of LED chosen in the application. The ISL97635 is capable
of boosting up to 34.5V and typically driving 9 LEDs in series for
each of the 8 channels, enabling a total of 72 pieces of the
3.5V/30mA type of LEDs.
Enable and PWMI
The EN/PWMI pin serves dual purposes; it is used as an Enable
signal and can be used as a PWM input signal for dimming. If a
PWM signal is applied to this pin, the first pulse of minimum 40µs
will be used as an Enable signal. If there is no signal for longer than
28ms, the device will enter shutdown. The EN/PWMI pin cannot be
floating thus a 10kΩ pull-down resistor may need to be added.
Current Matching and Current Accuracy
Each channel of the LED current is regulated by the current
source circuit, as shown in Figure 18.
The LED peak current is set by translating the RSET current to the
output with a scaling factor of 733/RSET. The source terminals of
the current source MOSFETs are designed to operate within a
range at about 500mV to minimize the power loss. The sources
of errors of the channel-to-channel current matching come from
the op amp’s offset, internal layout, reference, and current
source resistors. These parameters are optimized for current
matching and absolute current accuracy. On the other hand, the
absolute accuracy is additionally determined by the external
RSET, and therefore, additional tolerance will be contributed by
the current setting resistor. A 1% tolerance resistor is therefore
recommended.
Dynamic Headroom Control
The ISL97635 features a proprietary Dynamic Headroom Control
circuit that detects the highest forward voltage string or
effectively the lowest voltage from any of the IIN pins. When this
lowest IIN voltage is lower than the short-circuit threshold, VSC,
such voltage will be used as the feedback signal for the boost
regulator. The boost makes the output to the correct level such
that the lowest IIN pin is at the target headroom voltage. Since
all LED stacks are connected to the same output voltage, the
other IIN pins will have a higher voltage, but the regulated current
source circuit on each channel will ensure that each channel has
the same programmed current. The output voltage will regulate
cycle-by-cycle and is always referenced to the highest forward
voltage string in the architecture.
Dimming Controls
The ISL97635 allows two ways of controlling the LED current, and
therefore, the brightness. They are:
1. DC current adjustment
2. PWM chopping of the LED current defined in Step 1.
There are various ways to achieve DC or PWM current control,
which will be described in the following.
MAXIMUM DC CURRENT SETTING
The initial brightness should be set by choosing an appropriate
value for RSET. This should be chosen to fix the maximum
possible LED current, as shown in Equation 1:
DC CURRENT ADJUSTMENT
Once RSET is fixed, the LED DC current can be adjusted through
Register 0x07 (BRTDC), as shown in Equation 2:
BRTDC can be programmed from 0 to 255 in decimal and
defaults to 255 (0xFF). If left at the default value, LED current will
FIGURE 18. SIMPLIFIED CURRENT SOURCE CIRCUIT
REF
+
-
+
-
PWM DIMMING
RSET
+
DC DIMMING
REF
+
-
+
-
RSET
-
ILEDmax
733
RSET
---------------
=
(EQ. 1)
ILED
2.87 BRTDC RSET
=
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com