Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97635IRZ Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL97635IRZ
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635IRZ Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL97635IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 17Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 18Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 19Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 20Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 17 of 28
Sep 26, 2017
Write Byte
The Write Byte protocol is only three bytes long. The first byte starts
with the slave address followed by the “command code,” which
translates to the “register index” being written. The third byte
contains the data byte that must be written into the register selected
by the “command code”. A shaded label is used on cycles during
which the slaved backlight controller “owns” or “drives” the Data
line. All other cycles are driven by the “host master.”
Read Byte
As shown in the Figure 22, the four byte long Read Byte protocol
starts out with the slave address followed by the “command code”
which translates to the “register index.” Subsequently, the bus
direction turns around with the re-broadcast of the slave address
with Bit 0 indicating a read (“R”) cycle. The fourth byte contains the
data being returned by the backlight controller. That byte value in
the data byte reflects the value of the register being queried at the
“command code” index. Note the bus directions, which are
highlighted by the shaded label that is used on cycles during which
the slaved backlight controller “owns” or “drives” the Data line. All
other cycles are driven by the “host master.”
Slave Device Address
The slave address contains 7 MSB plus one LSB as R/W bit, but
these 8 bits are usually called Slave Aaddress bytes. As shown in
Figure 23, the high nibble of the Slave Address byte is 0x5 or 0101b
to denote the “backlight controller class.” Bit 3 in the lower nibble of
the Slave Address byte is 1. Bit 0 is always the R/W bit, as specified
by the SMBus protocol. Note: In this document, the device address
will always be expressed as a full 8-bit address instead of the shorter
7-bit address typically used in other backlight controller
specifications to avoid confusion. Therefore, if the device is in the
write mode where Bit 0 is 0, the slave address byte is 0x58 or
01011000b. If the device is in the read mode where Bit 0 is 1, the
slave address byte is 0x59 or 01011001b.
The backlight controller may sense the state of the pins at POR or
during normal operation—the pins will not change state while the
device is in operation.
FIGURE 21. WRITE BYTE PROTOCOL
Master to Slave
Slave to Master
17
118
18
11
S
SLAVE ADDRESS
W
A
COMMAND CODE
A
DATA BYTE
A
P
FIGURE 22. READ BYTE PROTOCOL
Master to Slave
Slave to Master
1
7
1
1
8
1
181
1
8
1
1
S
SLAVE ADDRESS
W
ACOMMAND CODE
A
S
SLAVE ADDRESS
R
A
DATA BYTE
A
P
FIGURE 23. SLAVE ADDRESS BYTE DEFINITION
DEVICE
IDENTIFIER
DEVICE
ADDRESS
MSB
LSB
0
101100
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com