Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97635IRZ Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ISL97635IRZ
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635IRZ Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ISL97635IRZ Datasheet HTML 20Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 21Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 22Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 23Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 24Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 25Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 26Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 27Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 25 of 28
Sep 26, 2017
Applications
High Current Applications
Each channel of the ISL97635 can support up to 35mA. For
applications that need higher current, multiple channels can be
grouped to achieve the desirable current. For example, the
cathode of the last LED can be connected to IIN0 to IIN2, this
configuration can be treated as a single string with 105mA
current driving capability.
.
Multiple Drivers Operation
For large LCD panels where more than 8 channels of LEDs are
needed, multiple ISL97635s with each driver having its own
supporting components can be controlled together with the
common SMBus. While the ISL97635 does not have extra pins
strappable slave address feature, separate EN signal can be
applied to each driver for asynchronous operation. A trade-off of
such scheme is that an exact faulty channel cannot be identified
if the PWMI/EN signal is common to all drivers.
16-Bit Dimming
The SMBus controlled PWM and DC dimmings can be combined
to effectively provide 16 bits of dimming capability, which can be
valuable for automotive and avionics display applications.
Figure 33 illustrates one programming example where 256 steps
of PWM dimming can be programmed between each DC
dimming steps, or vice versa.
RGB LED Backlight or Scrolling Backlight
Operation
The SMBus control features of PWM dimming, DC dimming, and
random channels selection have offered many driving
possibilities. For example, red, green, and blue LEDs can be
arranged in Ch0 and Ch1, Ch2 and Ch3, Ch4 and Ch5
respectively such that each group can be controlled
independently in sequential order for RGB or RGGB LED
backlighting applications.
Compensation
The ISL97635 has two main elements in the system; the Current
Mode Boost Regulator and the op amp based multi-channel
current sources. The ISL97635 incorporates a transconductance
amplifier in its feedback path to allow the user some levels of
adjustment on the transient response, as well as better
regulation. The ISL97635 uses current mode control
architecture, which has a fast current sense loop and a slow
voltage feedback loop. The fast current feedback loop does not
require any compensation. The slow voltage loop must be
compensated for stable operation. The compensation network is
a series Rc, Cc1 network from COMP pin to ground and an
optional Cc2 capacitor connected to the COMP pin. The Rc sets
the high frequency integrator gain for fast transient response and
the Cc1 sets the integrator zero to ensure loop stability. For most
applications, Rc is in the range of 200
 to 3k and Cc1 is in the
range of 27nF to 37nF. Depending on the PCB layout, a Cc2, in
range of 100nF, may be needed to create a pole to cancel the
output capacitor ESR’s zero effect for stability. The ISL97635
evaluation board is configured with Rc1 of 500
, Cc1 of 33nF,
and Cc2 of 0, which achieves stability. In the actual applications,
these values may need to be tuned empirically but these
recommended values are usually a good starting point.
FIGURE 31. GROUPING MULTIPLE CHANNELS FOR HIGH CURRENT
APPLICATIONS
IIN0
IIN1
IIN2
VOUT
FIGURE 32. MULTIPLE DRIVERS OPERATION
SMBCLK
SMBDAT
EN/PWMI
SMBCLK
SMBDAT
EN/PWMI
SMBCLK
SMBDAT
EN1
EN2
FIGURE 33. 16-BIT DIMMING ILLUSTRATION
STEP 255 PWM CONTROL
STEP 0~255 DC CONTROL
STEP 254 PWM CONTROL
STEP 1 PWM CONTROL
STEPS 0~255 DC
STEP 0 PWM CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com