Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97635IRZ Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL97635IRZ
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635IRZ Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL97635IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 17Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 18Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 19Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 20Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 21Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 22Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 19 of 28
Sep 26, 2017
PWM Brightness Control Register (0x00)
The Brightness control resolution has 256 steps of PWM duty cycle
adjustment. The bit assignment is shown in Figure 24. All of the bits
in this Brightness Control Register can be read or write. Step 0
corresponds to the minimum step where the current is less than
10µA. Steps 1 to 255 represent the linear steps between 0.39% and
100% duty cycle with approximately 0.39% duty cycle adjustment
per step.
• An SMBus Write Byte cycle to Register 0x00 sets the PWM
brightness level only if the backlight controller is in SMBus
mode (refer to Table 3 on page 19).
• An SMBus Read Byte cycle to Register 0x00 returns the
programmed PWM brightness level, regardless of the value of
PWM_SEL.
• An SMBus setting of 0xFF for Register 0x00 sets the backlight
controller to the maximum brightness.
• An SMBus setting of 0x00 for Register 0x00 sets the backlight
controller to the minimum brightness output in which the LED
current is guaranteed to be less than 10µA.
• Default value for Register 0x00 is 0xFF.
Device Control Register (0x01)
This register has 2 bits that control the operating mode of the
backlight controller and a single bit that controls the BL ON/OFF
state. The remaining bits are reserved. The bit assignment is
shown in Figure 25. All other bits in the Device Control Register
will read as low unless otherwise written. Bits 7 and 6 are not
implemented and will always read low.
The PWM_SEL bit determines whether the SMBus or PWMI input
should drive the output brightness in terms of PWM dimming.
When PWM_SEL bit is 1, the PWMI drives the output brightness
regardless of what the PWM_MD is.
When the PWM_SEL bit is 0, the PWM_MD bit selects the
manner in which the PWM dimming is to be interpreted; when
this bit is 1, the PWM dimming is based on the SMBus brightness
setting. When this bit is 0, the PWM dimming reflects a
percentage change in the current brightness programmed in the
SMBus Register 0x00, i.e. DPST (Display Power Saving
Technology) mode, as shown in Equation 15:
Where:
Cbt = Current brightness setting from SMBus Register 0x00 without
influence from the PWMI
PWMI = is the percent duty cycle of the PWMI
For example, the Cbt = 50% duty cycle programmed in the SMBus
Register 0x00 and the PWM frequency is tuned to be 200Hz with an
appropriate capacitor at the FPWM pin. On the other hand, PWMI is
fed with a 1kHz 30% high PWM signal. When PWM_SEL = 0 and
PWM_MD = 0, the device is in DPST operation where DPST
brightness = 15% PWM dimming at 200Hz.
• All reserved bits return a “0” when read.
• All reserved bits have no functional effect when written.
• All defined control bits return their current, latched value when
read.
• A value of 1 written to BL_CTL turns on the BL in 4ms or less after
the write cycle completes. The BL is deemed to be on when Bit 3
0x08
Configuration Register
VSC[1..0] = Short-circuit thresholds selection
FSW[2] = Switching frequencies selection
0x09
Output Channel Mask/Fault
Readout Register
CH[5..0] = Output Channel Read and Write. In Write, 1 = Channel Enabled, 0 = Channel Disabled. In
Read, 1 = Channel OK, 0 = Channel Not OK/Channel disabled
TABLE 2B. DATA BIT DESCRIPTIONS (Continued)
ADDRESS
REGISTER
DATA BIT DESCRIPTIONS
VSC1
VSC0
OPERATION
0
X
No VSC error detection
1
0
VSC = 3.1V ±15%
1
1
VSC = 8V ±15%
fSW
OPERATION
0fSW = 600kHz
1fSW = 1.2MHz
TABLE 3. OPERATING MODES SELECTED BY DEVICE CONTROL
REGISTER BITS 1 AND 2
PWM_MD
PWM_SEL
MODE
X1
PWMI Mode
10
SMBus Mode
0
0
SMBus and PWMI Mode with DPST
TABLE 3. OPERATING MODES SELECTED BY DEVICE CONTROL
REGISTER BITS 1 AND 2
PWM_MD
PWM_SEL
MODE
DPST Brightness
Cbt PWMI
=
(EQ. 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com