| Electronic Components Datasheet Search |
|
ISL97635IRZ Datasheet(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL97635IRZ Datasheet(HTML) 20 Page - Renesas Technology Corp |
|
20 / 28 page ![]() ISL97635 FN6434 Rev.3.00 Page 20 of 28 Sep 26, 2017 BL_STAT of Register 0x02 is 1 and Register 0x09 is not 0. Refer to Figures 24 and 25. • A value of 0 written to BL_CTL immediately turns off the BL. The BL is deemed to be off when Bit 3 BL_STAT of Register 0x02 is 0 and Register 0x09 is 0. Refer to Figures 24 and 25.. • **Note that the behavior of Register 0x00 (Brightness Control Register) is affected by certain combinations of the control bits, as shown in Table 3. FIGURE 24. DESCRIPTIONS OF BRIGHTNESS CONTROL REGISTER REGISTER 0x00 PWM BRIGHTNESS CONTROL REGISTER BRT7 BRT6 BRT5 BRT4 BRT3 BRT2 BRT1 BRT0 Bit 7 (R/W) Bit 6 (R/W) Bit 5 (R/W) Bit 4 (R/W) Bit 3 (R/W) Bit 2 (R/W) Bit 1 (R/W) Bit 0 (R/W) BIT ASSIGNMENT BIT FIELD DEFINITIONS BRT[7..0] = 256 steps of PWM brightness levels FIGURE 25. DESCRIPTIONS OF DEVICE CONTROL REGISTER REGISTER 0x01 DEVICE CONTROL REGISTER RESERVED RESERVED RESERVED RESERVED RESERVED PWM_MD PWM_SEL BL_CTL Bit 7 (R/W) Bit 6 (R/W) Bit 5 (R/W) Bit 4 (R/W) Bit 3 (R/W) Bit 2 (R/W) Bit 1 (R/W) Bit 0 (R/W) BIT ASSIGNMENT BIT FIELD DEFINITIONS PWM_MD = PWM mode select bit (1 = absolute brightness, 0 = % change) default = 0 PWM_SEL = Brightness control select bit (1 = control by PWMI, 0 = control by SMBus) default = 0 BL_CTL = BL On/Off (1 = On, 0 = Off) default = 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |