Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97635IRZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL97635IRZ
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635IRZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL97635IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 17Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 14 of 28
Sep 26, 2017
Short-Circuit Protection (SCP)
The short-circuit detection circuit monitors the voltage on each
channel and disables faulty channels which are detected above
the programmed short-circuit threshold. There are two selectable
levels of short-circuit threshold (3.1V and 8.0V) that can be
programmed through the Configuration Register 0x08 Bit 0.
When an LED becomes shorted, the action taken is described in
Table 1. The default short-circuit threshold is 8V. The detection of
this failure mode can be disabled via Register 0x08 bit 1 if
required.
Open Circuit Protection (OCP)
When one of the LEDs becomes open circuit, it can behave as
either an infinite resistance or a gradually increasing finite
resistance. The ISL97635 monitors the current in each channel
such that any string which reaches at least 75% of the intended
output current is considered “good”. Should the current
subsequently fall below 50% of the target, the channel will be
considered an “open circuit”. Furthermore, should the boost
output of the ISL97635 reach the OVP limit or should the lower
over-temperature threshold be reached, all channels which are
not “good” will immediately be considered as “open circuit”.
Detection of an “open circuit” channel will result in a time-out
before disabling of the affected channel. This time-out is sped up
when the device is above the lower over-temperature threshold in
an attempt to prevent the upper over-temperature trip point from
being reached.
Some users employ some special types of LEDs that have zener
diode structure in parallel with the LED for ESD enhancement, thus
enabling open circuit operation. When this type of LED goes open
circuit, the effect is as if the LED forward voltage has increased,
but no lighting. Any affected string will not be disabled, unless the
failure results in the boost OVP limit being reached, allowing all
other LEDs in the string to remain functional. Care should be taken
in this case that the boost OVP limit and SCP limit are set properly,
so as to make sure that multiple failures on one string do not
cause all other good channels to be faulted out. This is due to the
increased forward voltage of the faulty channel making all other
channel look as if they have LED shorts. Refer to Table 1 for details
for responses to fault conditions.
Overvoltage Protection (OVP)
The integrated OVP circuit monitors the output voltage and keeps
the voltage at a safe level. The OVP threshold is set as
Equation 14:
These resistors should be large to minimize the power loss. For
example, a 1MΩ RUPPER and 39kΩ RLOWER sets OVP to 32.2V.
Large OVP resistors also allow COUT discharges slowly during the
PWM Off-time.
Undervoltage Lockout
If the input voltage falls below the UVLO level of 2.45V, the device
will stop switching and be reset. Operation will restart when the
voltage comes back into the operating range.
Input Overcurrent Protection
During normal switching operation, the current through the
internal boost power FET is monitored. If the current exceeds the
current limit, the internal switch will be turned off. This
monitoring happens on a cycle by cycle basis in a self protecting
way.
Additionally, the ISL97635 monitors the voltage at the LX and
OVP pins. At start-up, a fixed current is injected out of the LX pins
and into the output capacitor. The device will not start-up unless
the voltage at LX exceeds 1.2V. Furthermore, should the voltage
at LX not rise above this threshold during any subsequent period
where the power FET is not switched on, it will immediately
disable the input protection FET. The OVP pin is also monitored
such that if it rises above and subsequently falls below 20% of
the target OVP level, the input protection FET will also be
switched off.
Over-Temperature Protection (OTP)
The ISL97635 includes two over-temperature thresholds. The lower
threshold is set to +130°C. When this threshold is reached, any
channel which is outputting current at a level significantly below the
regulation target will be treated as “open circuit” and disabled after
a time-out period. This time-out period is also reduced to 800µs
when it is above the lower threshold. The intention of the lower
threshold is to allow bad channels to be isolated and disabled before
they cause enough power dissipation (as a result of other channels
having large voltages across them) to hit the upper temperature
threshold.
The upper threshold is set to +150°C. Each time this is reached,
the boost will stop switching and the output current sources will
be switched off. Once the device has cooled to approximately
+100°C, the device will restart with the DC LED current level
reduced to 77% of the initial setting. If the dissipation problem
persists, subsequent hitting of the limit will cause identical
behavior, with the current reduced in steps to 53% and finally
30%. Hitting of the upper threshold will also set the thermal fault
bit of the Fault/Status register 0x02. Unless disabled via the EN
pin, the device stays in an active state throughout, allows the
external processor to interrogate the fault condition.
For the extensive fault protection conditions, please refer to
Figure 19 and Table 1 for details.
OVP
1.21V
RUPPER RLOWER
+
 R
LOWER
=
(EQ. 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com