Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97635IRZ Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL97635IRZ
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635IRZ Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL97635IRZ Datasheet HTML 18Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 19Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 20Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 21Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 22Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 23Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 24Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 25Page - Renesas Technology Corp ISL97635IRZ Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 22 of 28
Sep 26, 2017
REGISTER 0x02
FAULT/STATUS REGISTER
RESERVED
RESERVED
2_CH_SD
1_CH_SD
BL_STAT
OV_CURR
THRM_SHDN
FAULT
Bit 7 (R)
Bit 6 (R)
Bit 5 (R)
Bit 4 (R)
Bit 3 (R)
Bit 2 (R)
Bit 1 (R)
Bit 0 (R)
BIT
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
Bit 5
2_CH_SD
= Two LED output channels are shutdown (1 = shutdown, 0 = OK)
Bit 4
1_CH_SD
= One LED output channel is shutdown (1 = shutdown, 0 = OK)
Bit 3
BL_STAT
= BL Status (1 = BL On, 0 = BL Off)
Bit 2
OV_CURR
= Input Overcurrent (1 = Overcurrent condition, 0 = Current OK)
Bit 1
THRM_SHDN
= Thermal Shutdown (1 = Thermal Fault, 0 = Thermal OK)
Bit 0
FAULT
= Fault occurred (Logic “OR” of all of the fault conditions)
FIGURE 26. DESCRIPTIONS OF FAULT/STATUS REGISTER
REGISTER 0x03
ID REGISTER
LED PANEL
MFG3
MFG2
MFG1
MFG0
REV2
REV1
REV0
Bit 7 = 1
Bit 6 (R)
Bit 5 (R)
Bit 4 (R)
Bit 3 (R)
Bit 2 (R)
Bit 1 (R)
Bit 0 (R)
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
MFG[3..0]
= Manufacturer ID. Refer to “Identification Register
(0x03)” on page 21.
data 0 to 8 in decimal correspond to other vendors
data 9 in decimal represents Intersil ID
data 10 to 14 in decimal are reserved
data 15 in decimal Manufacturer ID is not
implemented
REV[2..0]
= Silicon rev (Rev 0 through Rev 7 allowed for silicon
spins)
FIGURE 27. DESCRIPTIONS OF ID REGISTER
FIGURE 28. DESCRIPTIONS OF DC BRIGHTNESS CONTROL REGISTER
REGISTER 0x07
DC BRIGHTNESS CONTROL REGISTER
BRTDC7
BRTDC6
BRTDC5
BRTDC4
BRTDC3
BRTDC2
BRTDC1
BRTDC0
Bit 7 (R/W)
Bit 6 (R/W)
Bit 5 (R/W)
Bit 4 (R/W)
Bit 3 (R/W)
Bit 2 (R/W)
Bit 1 (R/W)
Bit 0 (R/W)
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
BRTDC[7..0]
= 256 steps of DC brightness levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com