Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9154-EBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9154-EBZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 24Page - Analog Devices AD9154-EBZ Datasheet HTML 25Page - Analog Devices AD9154-EBZ Datasheet HTML 26Page - Analog Devices AD9154-EBZ Datasheet HTML 27Page - Analog Devices AD9154-EBZ Datasheet HTML 28Page - Analog Devices AD9154-EBZ Datasheet HTML 29Page - Analog Devices AD9154-EBZ Datasheet HTML 30Page - Analog Devices AD9154-EBZ Datasheet HTML 31Page - Analog Devices AD9154-EBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 28 of 124
STEP 5: DATA LINK LAYER
This section describes how to set up the data link layer of the
SERDES interface. This section deals with SYSREF processing,
setting deterministic latency, and establishing the link.
Table 22. Data Link Layer Settings
Address
Bit No.
Value1
Variable
Description
0x301
0x
Subclass
See the JESD204B
Setup section.
0x304
0x
LMFCDel
See the Link Latency
Setup section.
0x305
0x
LMFCDel
See the Link Latency
section.
0x306
0x
LMFCVar
See the Link Latency
Setup section.
0x307
0x
LMFCVar
See the Link Latency
Setup section.
0x03A
0x01
Set sync mode = one-
shot sync; see the
Syncing LMFC Signals
section for other sync
options.
0x03A
0x81
Enable the sync
machine.
0x03A
0xC1
Arm the sync machine.
SYSREF±
If Subclass = 1, ensure
that at least one
SYSREF± edge is sent
to the device.2
0x308 to
0x30B
0x
XBarVals
If remapping lanes, set
up crossbar; see the
Crossbar Setup section.
0x334
0x
InvLanes
Invert the polarity of
desired logical lanes.
Bit x of InvLanes must
be a 1 for each Logical
Lane x to invert.
0x300
0x
Enable the links.
6
CheckSum
Mode
See the JESD204B
Setup section.
3
DualLink
See the JESD204B
Setup section.
[1:0]
EnLinks
EnLinks = 3 if DualLink
= 1 (enables Link 0 and
Link 1); EnLinks = 1 if
DualLink = 0 (enables
Link 0 only).
1 0x denotes a register value that the user must fill in. See the Variable and
Description columns for information on selecting the appropriate register value.
2 Verify that Register 0x03B, Bit 3 reads back 1 after sending at least one
SYSREF± edge to the device to indicate that the LMFC sync machine has
properly locked.
STEP 6: ERROR MONITORING
For JESD204B error monitoring, see the JESD204B Error
Monitoring section. For other error checks, see the Interrupt
Request Operation section.
DAC PLL SETUP
This section explains how to select appropriate LODivMode,
RefDivMode, and BCount in the Step 1: Start Up the DAC
section. These parameters depend on the desired DAC clock
frequency (fDACCLK) and DAC reference clock frequency (fREF).
When using the DAC PLL, the reference clock signal is applied
to the CLK± differential pins, Pin 2 and Pin 3.
Table 23. DAC PLL LODivMode Settings
DAC Frequency Range (MHz)
LODIVMODE,
Register 0x08B[1:0]
1500 to 2400
1
750 to 1500
2
420 to 750
3
Table 24. DAC PLL RefDivMode Settings
DAC PLL Reference
Frequency (fREF) (MHz)
Divide by
(RefDivFactor)
REFDIVMODE,
Register 0x08C[2:0]
35 to 80
1
0
80 to 160
2
1
160 to 320
4
2
320 to 640
8
3
640 to 1000
16
4
The VCO frequency (fVCO) is related to the DAC clock
frequency according to the following equation:
fVCO = fDACCLK × 2LODivMode + 1
where 6 GHz  fVCO  12 GHz.
BCount must be between 6 and 127 and is calculated based on
fDACCLK and fREF as follows:
BCount = floor((fDACCLK)/(2 × fREF/RefDivFactor))
where RefDivFactor = 2RefDivMode (see Table 24).
Finally, to finish configuring the DAC PLL, set the VCO control
registers up as described in Table 80 based on the VCO
frequency (fVCO).
For more information on the DAC PLL, see the DAC Input
Clock Configurations section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com