Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9154-EBZ Datasheet(PDF) 90 Page - Analog Devices

Part # AD9154-EBZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 90 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 86Page - Analog Devices AD9154-EBZ Datasheet HTML 87Page - Analog Devices AD9154-EBZ Datasheet HTML 88Page - Analog Devices AD9154-EBZ Datasheet HTML 89Page - Analog Devices AD9154-EBZ Datasheet HTML 90Page - Analog Devices AD9154-EBZ Datasheet HTML 91Page - Analog Devices AD9154-EBZ Datasheet HTML 92Page - Analog Devices AD9154-EBZ Datasheet HTML 93Page - Analog Devices AD9154-EBZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 90 of 124
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x472
GOODCHKSUM-
FLG
GOODCHECKSUM
0x00
R/W
0x473
INITLANESYNC-
FLG
INITIALLANESYNC
0x00
R/W
0x476
CTRLREG1
F_AGAIN
0x01
R/W
0x477
CTRLREG2
ILAS_MODE
RESERVED
THRESHOLD_
MASK_EN
RESERVED
0x00
R/W
0x478
KVAL
KSYNC
0x01
R/W
0x47A
IRQVECTOR
BADDIS_
MASK
NITD_MASK
UEKC_MASK
RESERVED
INITIALLANE-
SYNC_MASK
BADCHECK-
SUM_MASK
RESERVED CODEGRP
SYNC_
MASK
0x00
R/W
0x47B
SYNCASSERTION-
MASK
BADDIS_S
NIT_S
UCC_S
CMM
CMM_ENABLE
RESERVED
0x08
R/W
0x47C
ERRORTHRES
ETH
0xFF
R/W
0x47D
LANEENABLE
LANE_ENA
0x0F
R/W
0x47E
RAMP_ENA
RESERVED
ENA_
RAMP_
CHECK
0x00
R/W
0x520
DIG_TEST0
RESERVED
DC_TEST_
MOD
RESERVED 0x1C
R/W
0x521
TEST_DC_
VALUEI0
TEST_DC_VALUEI0
0x00
R/W
0x522
TEST_DC_
VALUEI1
TEST_DC_VALUEI1
0x00
R/W
0x523
TEST_DC_
VALUEQ0
TEST_DC_VALUEQ0
0x00
R/W
0x524
TEST_DC_
VALUEQ1
TEST_DC_VALUEQ1
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com