Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9154-EBZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9154-EBZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 74Page - Analog Devices AD9154-EBZ Datasheet HTML 75Page - Analog Devices AD9154-EBZ Datasheet HTML 76Page - Analog Devices AD9154-EBZ Datasheet HTML 77Page - Analog Devices AD9154-EBZ Datasheet HTML 78Page - Analog Devices AD9154-EBZ Datasheet HTML 79Page - Analog Devices AD9154-EBZ Datasheet HTML 80Page - Analog Devices AD9154-EBZ Datasheet HTML 81Page - Analog Devices AD9154-EBZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 78 of 124
EXAMPLE START-UP SEQUENCE
Table 81 through Table 90 show the register writes needed to set up
the AD9154 with fDAC = 1474.56 MHz, 2× interpolation, and the
DAC PLL enabled with a 368.64 MHz reference clock. The
JESD204B interface is configured in Mode 4, dual link mode,
Subclass 1, and scrambling is enabled with all eight SERDES
lanes running at 7.3728 Gbps, inputting twos complement for-
matted data. No remapping of lanes with the crossbar is
performed in this example.
The sequence of steps to properly start up the AD9154 is as follows:
1.
Set up the SPI interface, power up necessary circuit blocks,
make required writes to the configuration register, and set
up the DAC clocks (see Step 1: Start Up the DAC).
2.
Set the digital features of the AD9154 (see Step 2: Digital
Datapath).
3.
Set up the JESD204B links (see Step 3: Transport Layer).
4.
Set up the physical layer of the SERDES interface (see
5.
Step 4: Physical Layer).
6.
Set up the data link layer of the SERDES interface. This
procedure is for quick startup or debug only and does not
guarantee deterministic latency (see Step 5: Data Link
Layer).
7.
Check for errors on Link 0 and Link 1 (see Step 6: Error
Monitoring).
These steps are outlined in detail in the following sections, within
tables that list the required register write and read commands.
STEP 1: START UP THE DAC
Power-Up and DAC Initialization
Table 81. Power-Up and DAC Initialization
Command
Address
Value
Description
W
0x000
0xBD
Soft reset
W
0x000
0x3C
Deassert reset, set 4-wire SPI
W
0x011
0x00
Enable reference, DAC
channels, and master DAC
W
0x080
0x04
Power up all clocks with
duty cycle correction on
W
0x081
0x00
Power up SYSREF receiver,
disable hysteresis
Required Device Configurations
Table 82. Required Device Configuration
Command
Address
Value
Description
W
0x12D
0x8B
Digital datapath configuration
W
0x146
0x01
Digital datapath configuration
W
0x333
0x01
JESD interface configuration
Configure the DAC PLL
Table 83. Configure DAC PLL
Command
Address
Value
Description
W
0x087
0x62
Optimal DAC PLL loop filter
settings
W
0x088
0xC9
Optimal DAC PLL loop filter
settings
W
0x089
0x0E
Optimal DAC PLL loop filter
settings
W
0x08A
0x12
Optimal DAC PLL CP settings
W
0x08D
0x7B
Optimal DAC LDO settings for
DAC PLL
W
0x1B0
0x00
Power DAC PLL blocks when
power machine disabled
W
0x1B5
0xC9
Optimal DAC PLL VCO
settings
W
0x1B9
0x24
Optimal DAC PLL calibration
options settings
W
0x1BC
0x0D
Optimal DAC PLL block
control settings
W
0x1BE
0x02
Optimal DAC PLL VCO power
control settings
W
0x1BF
0x8E
Optimal DAC PLL VCO
calibration settings
W
0x1C0
0x2A
Optimal DAC PLL lock counter
length setting
W
0x1C1
0x2A
Optimal DAC PLL CP setting
W
0x1C4
0x7E
Optimal DAC PLL varactor
settings
W
0x1C5
0x06
Optimal DAC PLL VCO
settings
W
0x08B
0x02
Set the VCO LO divider to 8 so
that 6 GHz ≤ fVCO = fDACCLK ×
2(LODivMode + 1) ≤ 12 GHz
W
0x08C
0x03
Set the reference clock divider
W
0x085
0x10
Set the B counter to 16 to
divide the DAC clock down to
2× the reference clock
W
0x1B6
0x4D
Write VCO Varactor settings
from Table 80
W
0x1BB
0x04
Write VCO bias reference and
TC from Table 80
W
0x1B4
0x78
Write VCO calibration offset
from Table 80
W
0x1C5
0x06
Write VCO Varactor reference
W
0x083
0x10
Enable DAC PLL
R
0x084
0x01
Verify that Bit 1 reads back
high for PLL locked
STEP 2: DIGITAL DATAPATH
Table 84. Digital Datapath
Command
Address
Value
Description
W
0x112
0x01
Set the interpolation to 2×
W
0x110
0x00
Set twos complement data
format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com