Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9154-EBZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9154-EBZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 34Page - Analog Devices AD9154-EBZ Datasheet HTML 35Page - Analog Devices AD9154-EBZ Datasheet HTML 36Page - Analog Devices AD9154-EBZ Datasheet HTML 37Page - Analog Devices AD9154-EBZ Datasheet HTML 38Page - Analog Devices AD9154-EBZ Datasheet HTML 39Page - Analog Devices AD9154-EBZ Datasheet HTML 40Page - Analog Devices AD9154-EBZ Datasheet HTML 41Page - Analog Devices AD9154-EBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 38 of 124
L RECEIVE LANES
(LATEST ARRIVAL)
L ALIGNED
RECEIVE LANES
0 CHARACTER ELASTIC BUFFER DELAY OF LATEST ARRIVAL
K = K28.5 CODE GROUP SYNCHRONIZATION COMMA CHARACTER
A = K28.3 LANE ALIGNMENT SYMBOL
F = K28.7 FRAME ALIGNMENT SYMBOL
R = K28.0 START OF MULTIFRAME
Q = K28.4 START OF LINK CONFIGURATION DATA
C = JESD204 LINK CONFIGURATION PARAMETERS
D = Dx.y DATA SYMBOL
4 CHARACTER ELASTIC BUFFER DELAY OF EARLIEST ARRIVAL
L RECEIVE LANES
(EARLIEST ARRIVAL)
K K K K K K K R D D
K K K R D D
D D A R Q C
C
D D A R Q C
C
D D A R D D
D D A R D D
K K K K K K K R D D
D D A R Q C
C
D D A R D D
Figure 49. Lane Alignment During ILAS
JESD204B Serial Link Establishment
A brief summary of the high speed serial link establishment
process for Subclass 1 is provided. See Section 5.3.3 of the
JESD204B specifications document for complete details.
Step 1: Code Group Synchronization
Each receiver must locate K (K28.5) characters in its input data
stream. After four consecutive K characters are detected on all
link lanes, the receiver block deasserts the SYNCOUTx± signal
to the transmitter block at the LMFC edge.
The transmitter captures the change in the SYNCOUTx± signal,
and at a future transmitter LMFC rising edge, starts the initial
ILAS.
Step 2: Initial Lane Alignment Sequence
The main purposes of this phase are to align all the lanes of the
link and verify the parameters of the link.
Before the link is established, write each of the link parameters
to the receiver device to designate how data is sent to the
receiver block.
The ILAS consists of four or more multiframes. The last character
of each multiframe is a multiframe alignment character, /A/.
The first, third, and fourth multiframes are populated with
predetermined data values. Note that Section 8.2 of the
JESD204B specifications document describes the data ramp
expected during ILAS. By default, the AD9154 does not require
this ramp. Register 0x47E[0] can be set high to require the data
ramp. The deframer uses the final /A/ of each lane to align the
ends of the multiframes within the receiver. The second
multiframe contains an R (K.28.0), Q (K.28.4), and then data
corresponding to the link parameters. Additional multiframes
can be added to the ILAS if needed by the receiver. By default,
the AD9154 uses four multiframes in the ILAS (this can be
changed in Register 0x478). If using Subclass 1, exactly four
multiframes must be used.
After the last /A/ character of the last ILAS, the multiframe data
begins streaming. The receiver adjusts the position of the /A/
character such that it aligns with the internal LMFC of the
receiver at this point.
Step 3: Data Streaming
In this phase, data is streamed from the transmitter block to the
receiver block.
Optionally, data can be scrambled. Scrambling does not start
until the very first octet following the ILAS.
The receiver block processes and monitors the data it receives
for errors, including
•
Bad running disparity (8-bit/10-bit error)
•
Not in table (8-bit/10-bit error)
•
Unexpected control character
•
Bad ILAS
•
Interlane skew error (through character replacement)
If any of these errors exist, they are reported back to the
transmitter in one of a few ways (see the JESD204B Error
Monitoring section for details):
•
Signal assertion. Resynchronization (SYNCOUTx± signal
pulled low) is requested at each error for the last two errors.
For the first three errors, an optional resynchronization
request can be asserted when the error counter reaches a
set error threshold.
•
For the first three errors, each multiframe with an error in
it causes a small pulse of programmable width
on SYNCOUTx±.
•
Errors can optionally trigger an IRQ event, which can be
sent to the transmitter.
See to the JESD204B Test Modes section for various test modes
for verifying the link integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com