Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9154-EBZ Datasheet(PDF) 84 Page - Analog Devices

Part # AD9154-EBZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 84 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 80Page - Analog Devices AD9154-EBZ Datasheet HTML 81Page - Analog Devices AD9154-EBZ Datasheet HTML 82Page - Analog Devices AD9154-EBZ Datasheet HTML 83Page - Analog Devices AD9154-EBZ Datasheet HTML 84Page - Analog Devices AD9154-EBZ Datasheet HTML 85Page - Analog Devices AD9154-EBZ Datasheet HTML 86Page - Analog Devices AD9154-EBZ Datasheet HTML 87Page - Analog Devices AD9154-EBZ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 84 of 124
REGISTER SUMMARY
Table 92. AD9154 Register Summary
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x000
SPI_INTFCONFA SOFTRESET_M LSBFIRST_M
ADDRINC_M
SDOACTIVE_M
SDOACTIVE
ADDRINC
LSBFIRST
SOFTRESET 0x00
R/W
0x003
SPI_CHIPTYPE
CHIPTYPE
0x04
R
0x004
SPI_PRODIDL
PRODIDL
0x54
R
0x005
SPI_PRODIDH
PRODIDH
0x91
R
0x006
SPI_CHIPGRADE
PROD_GRADE
DEV_REVISION
0x99
R
0x008
DUAL_PAGE
RESERVED
PAGEINDX
0x03
R/W
0x011
PWRCNTRL0
PD_BG
PDDAC0
PDDAC1
PDDAC2
PDDAC3
RESERVED
0xF8
R/W
0x012
TXENMASK1
DACB_MASK
DACA_MASK
RESERVED
0x00
R/W
0x013
PWRCNTRL3
RESERVED
ENA_PA_CTRL
_FROM_
PAPROT_ERR
ENA_PA_CTRL
_FROM_
TXENSM
ENA_PA_CTRL_
FROM_BLSM
ENA_PA_
CTRL_FROM_
SPI
SPI_PA_
CTRL
ENA_SPI_
TXEN
SPI_TXEN
0x20
R/W
0x014
COARSE_
GROUP_DLY
RESERVED
COARSE_GROUP_DLY
0x88
R/W
0x01F
IRQ_ENABLE0
RESERVED
EN_DAC
PLLLOST
EN_DAC
PLLLOCK
EN_SER-
PLLLOST
EN_SER-
PLLLOCK
EN_LANE-
FIFOERR
RESERVED 0x00
R/W
0x020
IRQ_ENABLE1
RESERVED
EN_PRBSQ1
EN_PRBSI1
EN_
PRBSQ0
EN_
PRBSI0
0x00
R/W
0x021
IRQ_ENABLE2
EN_PAERR0
RESERVED
EN_
BLNKDONE0
EN_
REFNCOCLR0
EN_
REFLOCK0
EN_
REFROTA0
EN_
REFWLIM0
EN_
REFTRIP0
0x00
R/W
0x022
IRQ_ENABLE3
EN_PAErr1
RESERVED
EN_
BLNKDONE1
EN_
REFNCOCLR1
EN_
REFLOCK1
EN_
REFROTA1
EN_
REFWLIM1
EN_
REFTRIP1
0x00
R/W
0x023
IRQ_STATUS0
RESERVED
IRQ_DAC-
PLLLOST
IRQ_DAC-
PLLLOCK
IRQ_
SERPLLLOST
IRQ_
SERPLLLOCK
IRQ_LANE
FIFOERR
RESERVED 0x00
R
0x024
IRQ_STATUS1
RESERVED
IRQ_PRBSQ1
IRQ_PRBSI1
IRQ_
PRBSQ0
IRQ_
PRBSI0
0x00
R
0x025
IRQ_STATUS2
IRQ_PAErr0
RESERVED
IRQ_
BLNKDONE0
IRQ_
REFNCOCLR0
IRQ_REF-
LOCK0
IRQ_
REFROTA0
IRQ_
REFWLIM0
IRQ_
REFTRIP0
0x00
R
0x026
IRQ_STATUS3
IRQ_PAErr1
RESERVED
IRQ_
BLNKDONE1
IRQ_
REFNCOCLR1
IRQ_
REFLOCK1
IRQ_
REFROTA1
IRQ_
REFWLIM1
IRQ_
REFTRIP1
0x00
R
0x030
JESD_CHECKS
RESERVED
ERR_DLYOVER ERR_WINLIMIT
ERR_
JESDBAD
ERR_
KUNSUPP
ERR_
SUBCLASS
ERR_
INTSUPP
0x00
R
0x034
SYNC_
ERRWINDOW
RESERVED
ERRWINDOW
0x00
R/W
0x038
SYNC_
LASTERR_L
LASTERROR_L
0x00
R
0x039
SYNC_
LASTERR_H
LASTUNDER
LASTOVER
RESERVED
LAST
ERROR_H
0x00
R
0x03A
SYNC_
CONTROL
SYNCENABLE SYNCARM
SYNCCLRSTKY
SYNCCLRLAST
SYNCMODE
0x00
R/W
0x03B
SYNC_STATUS
REFBUSY
RESERVED
REFLOCK
REFROTA
REFWLIM
REFTRIP
0x00
R
0x03C
SYNC_
CURRERR_L
CURRERROR_L
0x00
R
0x03D
SYNC_
CURRERR_H
CURRUNDER
CURROVER
RESERVED
CURR-
ERROR_H
0x00
R
0x040
DAC_GAIN0_I
RESERVED
DAC_GAIN_I1
0x03
R/W
0x041
DAC_GAIN1_I
DAC_GAIN_I0
0xFF
R/W
0x042
DAC_GAIN0_Q
RESERVED
DAC_GAIN_Q1
0x03
R/W
0x043
DAC_GAIN1_Q
DAC_GAIN_Q0
0xFF
R/W
0x044
GROUPDELAY
COMP_I
GROUP DELAY COMP I [7:0]
0x00
R/W
0x045
GROUPDELAY
COMP_Q
GROUP DELAY COMP Q [7:0]
0x00
R/W
0x046
GROUPDELAY
COMP_BYP
RESERVED
GROUP-
COMP_
BYPI
GROUP-
COMP_
BYPQ
0x03
R/W
0x04A
MIX_MODE
RESERVED
MIX_
MODE
0x00
R/W
0x050
NCO_CLRMODE
NCOCLRARM RESERVED
NCOCLRMTCH NCOCLRPASS
NCOCLRFAIL
RESERVED
NCOCLRMODE
0x00
R/W
0x051
NCOKEY_ILSB
NCOKEYILSB
0x00
R/W
0x052
NCOKEY_IMSB
NCOKEYIMSB
0x00
R/W
0x053
NCOKEY_QLSB
NCOKEYQLSB
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com