Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9154-EBZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD9154-EBZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 63Page - Analog Devices AD9154-EBZ Datasheet HTML 64Page - Analog Devices AD9154-EBZ Datasheet HTML 65Page - Analog Devices AD9154-EBZ Datasheet HTML 66Page - Analog Devices AD9154-EBZ Datasheet HTML 67Page - Analog Devices AD9154-EBZ Datasheet HTML 68Page - Analog Devices AD9154-EBZ Datasheet HTML 69Page - Analog Devices AD9154-EBZ Datasheet HTML 70Page - Analog Devices AD9154-EBZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 67 of 124
FILTER
AND
MODULATION
DIGITAL
GAIN
PDP
PDP_PROTECT
BSM
BSM_PROTECT
Tx_PROTECT
Tx ENSM
DATA
FROM LMFC
SYNC LOGIC
TXENx
DATA TO DACs
PDP_PROTECT_OUT
1
0
1
0
PROTECT_OUT_INVERT
PROTECT_OUTx
1
0
Tx_PROTECT_OUT
1
0
SPI_PROTECT_OUT
SPI_PROTECT
PROTECT OUTx GENERATION
Figure 73. Downstream Protection Block Diagram
Table 71. PDP Registers
Addr.
Bit
No.
Value
Description
0x060
[7:0]
PDP_THRESHOLD[7:0]
Power that triggers
PDP_PROTECT.
8 LSBs.
0x061
[4:0]
PDP_THRESHOLD[12:8]
5 MSBs.
0x062
7
PDP_ENABLE
Set to 1 to enable PDP.
[3:0]
PDP_AVG_TIME
Can be set from 0 to
10. Averages across
2(9 + PDP_AVG_TIME), IQ
sample pairs.
0x063
[7:0]
PDP_POWER[7:0]
If PDP_THRESHOLD is
crossed, this reads
back the maximum
power seen. If not, this
reads back the
instantaneous power.
8 LSBs.
0x064
[4:0]
PDP_POWER[12:8]
5 MSBs.
Power Detection and Protection IRQ
The PDP_PROTECT signal is available as an IRQ event.
Use Register 0x021, Bit 7 to enable PDP_PROTECT for Dual A
(DAC0 and DAC1), and then use Register 0x025, Bit 7 to read
back its status and reset the IRQ signal.
Use Register 0x022, Bit 7 to enable PDP_PROTECT for Dual B
(DAC2 and DAC3), and then use Register 0x026, Bit 7 to read
back its status and reset the IRQ signal.
See the Interrupt Request Operation section for more
information.
Transmit Enable State Machine
The Tx ENSM is a simple block that controls the delay between
the TXENx signal and the TX_PROTECT signal. This signal is
used as an input to the BSM and its inverse can be routed to an
external pin (PDP_OUTx) to turn downstream components on
or off as desired.
The TXENx signal can power down their associated DAC duals. If
DACA_MASK (Register 0x012, Bit 6) = 1, a falling edge of TXENx
causes DAC Dual A (DAC0 and DAC1) to power down. If DACB_
MASK (Register 0x012, Bit 7) = 1, a falling edge of TXENx causes
DAC Dual B (DAC2 and DAC3) to power down. On a rising edge
of TXENx, without DACA_MASK and DACB_MASK enabled,
the output is valid after the BSM settles (see the Blanking State
Machine (BSM) section). If the masks are enabled, an additional
delay is imposed; the output is not valid until the BSM settles
and the DACs fully power on (nominally an additional ~35 µs).
The Tx ENSM is configured as shown in Table 72 and is paged
as described in the Dual Paging section.
Table 72. Tx ENSM Registers
Addr.
Bit No.
Value
Description
0x11F
[7:6]
PA_FALL
Number of fall counters
to use (1 to 2).
[5:4]
PA_RISE
Number of rise counters
to use (0 to 2).
0x121
[7:0]
RISE_COUNT_0
Delay TX_PROTECT rise
from TXENx rising edge
by 32 × RISE_COUNT_0
DAC clock cycles.
0x122
[7:0]
RISE_COUNT_1
Delay TX_PROTECT rise
from TXENx rising edge
by 32 × RISE_COUNT_1
DAC clock cycles.
0x123
[7:0]
FALL_COUNT_0
Delay TX_PROTECT rise
from TXENx rising edge
by 32 × FALL_COUNT_0
DAC clock cycles. Must
be at least 0x12.
0x124
[7:0]
FALL_COUNT_1
Delay TX_PROTECT rise
from TXENx rising edge
by 32 × FALL_COUNT_1
DAC clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com