Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9154-EBZ Datasheet(PDF) 79 Page - Analog Devices

Part # AD9154-EBZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 79 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 75Page - Analog Devices AD9154-EBZ Datasheet HTML 76Page - Analog Devices AD9154-EBZ Datasheet HTML 77Page - Analog Devices AD9154-EBZ Datasheet HTML 78Page - Analog Devices AD9154-EBZ Datasheet HTML 79Page - Analog Devices AD9154-EBZ Datasheet HTML 80Page - Analog Devices AD9154-EBZ Datasheet HTML 81Page - Analog Devices AD9154-EBZ Datasheet HTML 82Page - Analog Devices AD9154-EBZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 79 of 124
STEP 3: TRANSPORT LAYER
Table 85. Link 0 Transport Layer
Command
Address
Value
Description
W
0x200
0x00
Power up the interface
W
0x201
0x00
Enable all lanes
W
0x300
0x08
Bit 3 = 1 for dual link, Bit 2 = 0 to
access Link 0 registers
W
0x450
0x00
Set the device ID to match Tx
(0x00 in this example)
W
0x451
0x00
Set the bank ID to match Tx (0x00
in this example)
W
0x452
0x00
Set the lane ID to match Tx (0x00
in this example)
W
0x453
0x83
Set descrambling and L = 4
(in n − 1 notation)
W
0x454
0x00
Set F = 1 (in n − 1 notation)
W
0x455
0x1F
Set K = 32 (in n − 1 notation)
W
0x456
0x01
Set M = 2 (in n − 1 notation)
W
0x457
0x0F
Set N = 16 (in n − 1 notation)
W
0x458
0x2F
Set Subclass 1 and NP = 16 (in
n − 1 notation)
W
0x459
0x20
Set JESD 204B Version and S = 1
(in n − 1 notation)
W
0x45A
0x80
Set HD = 1
W
0x45D
0x45
Set checksum for Lane 0
W
0x46C
0x0F
Deskew Lane 0 to Lane3
W
0x476
0x01
Set F (not in n − 1 notation)
W
0x47D
0x0F
Enable Lane 0 to Lane 3
Table 86. Link 1 Transport Layer
Command
Address
Value
Description
W
0x300
0x0C
Bit 3 = 1 for dual link, Bit 2 = 1 to
access registers for Link 1
W
0x450
0x00
Set the device ID to match Tx
(0x00 in this example)
W
0x451
0x00
Set the bank ID to match Tx (0x00
in this example)
W
0x452
0x04
Set the lane ID to match Tx (0x04
in this example)
W
0x453
0x83
Set descrambling and L = 4 (in
n − 1 notation)
W
0x454
0x00
Set F = 1 (in n − 1 notation)
W
0x455
0x1F
Set K = 32 (in n − 1 notation)
W
0x456
0x01
Set M = 2 (in n − 1 notation)
W
0x457
0x0F
Set N = 16 (in n − 1 notation)
W
0x458
0x2F
Set Subclass 1 and NP = 16 (in
n − 1 notation)
W
0x459
0x20
Set JESD 204B and S = 1 (in n − 1
notation)
W
0x45A
0x80
Set HD
W
0x45D
0x45
Set checksum for Lane 0
W
0x46C
0x0F
Deskew Lane 4 to Lane 7
0x476
0x01
Set F (not in n − 1 notation)
W
0x47D
0x0F
Enable Lane 4 to Lane 7
STEP 4: PHYSICAL LAYER
Table 87. Physical Layer
Command
Address
Value
Description
W
0x2A7
0x01
Autotune PHY setting
W
0x2AE
0x01
Autotune PHY setting
W
0x314
0x01
SERDES SPI configuration
W
0x230
0x28
Configure CDRs in half rate mode
W
0x206
0x00
Resets CDR logic
W
0x206
0x01
Release CDR logic reset
W
0x289
0x04
Configure PLL divider to 1 along
with PLL required configuration
W
0x284
0x62
Optimal SERDES PLL loop filter
W
0x285
0xC9
Optimal SERDES PLL loop filter
W
0x286
0x0E
Optimal SERDES PLL loop filter
W
0x287
0x12
Optimal SERDES PLL charge pump
W
0x28A
0x7B
Optimal SERDES PLL VCO LDO
W
0x28B
0x00
Optimal SERDES PLL PD
W
0x290
0x89
Optimal SERDES PLL VCO
W
0x291
0x4C
Optimal SERDES PLL VCO
W
0x294
0x24
Optimal SERDES PLL charge pump
W
0x296
0x1B
Optimal SERDES PLL VCO
W
0x297
0x0D
Optimal SERDES PLL VCO
W
0x299
0x02
Optimal SERDES PLL PD
W
0x29A
0x8E
Optimal SERDES PLL VCO
W
0X29C
0x2A
Optimal SERDES PLL charge pump
W
0x29F
0x7E
Optimal SERDES PLL VCO
W
0x2A0
0x06
Configure SERDES PLL VCO
W
0x280
0x01
Enable SERDES PLL
R
0x281
0x01
Verify that Bit 0 reads back high
for SERDES PLL lock
W
0x268
0x62
Set equalizer mode to low power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com