Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXLD1370EST16TC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXLD1370EST16TC Datasheet HTML 1Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 2Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 3Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 4Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 5Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 6Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 7Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 8Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
5 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Performance/Comment
Min
Max
Unit
VIN
Input Supply Voltage Range
Normal Operation
8
60
V
Reduced Performance Operation
(Note 7)
6.3
VAUX
Auxiliary Supply Voltage Range (Note 8)
Normal Operation
8
60
V
Reduced Performance Operation
(Note 7)
6.3
VISM
Current Sense Monitor Input Range
—
6.3
60
V
VSENSE
Differential Input Voltage
VVIN-VISM
, with 0 ≤ VADJ ≤ 2.5
0
450
mV
VADJ
External dc Control Voltage Applied to ADJ
Pin to Adjust Output Current
DC Brightness Control Mode
from 10% to 200%
0.125
2.5
V
IREF
Reference External Load Current
REF Sourcing Current
1
mA
fMAX
Recommended Switching Frequency Range (Note 9)
—
300
1,000
kHz
VTADJ
Temperature Adjustment (TADJ) Input Voltage Range
—
0
VREF
V
fPWM
Recommended PWM Dimming Frequency Range
To Achieve 1000:1 Resolution
100
500
Hz
To Achieve 500:1 Resolution
100
1,000
Hz
tPWMH/L
PWM Pulse Width in Dimming Mode
PWM Input High or Low
0.002
10
ms
VPWMH
PWM Pin High Level Input Voltage
—
2
5.5
V
VPWML
PWM Pin Low Level Input Voltage
—
0
0.4
V
TJ
Operating Junction Temperature Range
—
-40
125
°C
GI
Gain Setting Ratio for Boost and Buck-Boost Modes
Ratio = VGI/VADJ
0.20
0.50
—
Notes:
7. Device starts up above 6V and as such the minimum applied supply voltage has to be above 6.5V (plus any noise margin). The ZXLD1370 will,
however, continue to function when the input voltage is reduced from
≥ 8V down to 6.3V.
When operating with input voltages below 8V the output current and device parameters may deviate from their normal values; and is dependent on
power MOSFET switch, load and ambient temperature conditions. To ensure best operation in Boost and Buck-Boost modes with input voltages, VIN,
between 6.3 and 8V a suitable boot-strap network on VAUX pin is recommended.
Performance in Buck mode will be reduced at input voltages (VIN, VAUX) below 8V – a boot-strap network cannot be implemented in buck mode. And
so a suitable low VT MOSFET should be selected.
8. VAUX can be driven from a voltage higher than VIN to provide higher efficiency at low VIN voltages, but to avoid false operation; a voltage should
not be applied to VAUX in the absence of a voltage at VIN.
9. The device contains circuitry to control the switching frequency to approximately 400kHz. The maximum and minimum operating frequency is not
tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com