Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXLD1370EST16TC Datasheet(PDF) 19 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 15Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 16Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 17Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 18Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 19Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 20Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 21Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 22Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 23Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
19 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
The additional degree of freedom allows us to select GI_ADJ within limits but this may affect overall performance a little. As mentioned above,
the working voltage range at the GI pin is restricted. The permitted range of GI_ADJ in Boost or Buck-Boost configuration is:
0.2 < GI_ADJ < 0.5
Equation 13
The mean voltage across the sense resistor is:
VRS = ICOIL RS
Equation 14
Note that if GI_ADJ is made larger, these equations show that RS is increased and VRS is increased. Therefore, for the same coil current, the
dissipation in RS is increased. So, in some cases, it is better to minimize GI_ADJ. However, consider Equation 5. If ADJ is connected to REF,
this becomes
D
1
ADJ
_
GI
225
.
0
VRS
This shows that VRS becomes smaller than 225mV if GI_ADJ < 1 - D. If also D is small, VRS can become too small. For example if D = 0.2, and
GI_ADJ is the minimum value of 0.2, then VRS becomes 0.225* 0.2 / 0.8 = 56.25 mV. This will increase the LED current error due to small offsets
in the system, such as mV drop in the copper printed wiring circuit, or offset uncertainty in the ZXLD1370. If now, GI_ADJ is increased to 0.4 or
0.5, VRS is increased to a value greater than 100mV. This will give small enough ILED error for most practical purposes. Satisfactory operation will
be obtained if VRS is more than about 80mV. This means GI_ADJ should be greater than (1-DMIN) * 80/225 = (1- DMIN) * 0.355.
There is also a maximum limit on VRS which gives a maximum limit for GI_ADJ. If VRS exceeds approximately 300mV, or 133% of 225mV, the
STATUS output may indicate an overcurrent condition. This will happen for larger DMAX.
Therefore, together with the requirement of Equation 13, the recommended range for GI_ADJ is:
0.355 ( 1-DMIN) < GI_ADJ < 1.33 ( 1-DMAX )
Equation 15
An optimum compromise for GI_ADJ is suggested, i.e.
GI_ADJAUTO = 1 - DMAX
Equation 16
This value is
used for the “Automatic” setting of the web Calculator. If 1-DMAX is less than 0.2, then GI_ADJ is set to 0.2. If 1- DMAX is greater
than 0.5 then GI_ADJ is set to 0.5.
Once GI_ADJ has been selected, a value of RGI1 can be selected from Equation 12.
Then RGI2 is calculated as follows, rearranging Equation 2:


 
ADJ
_
GI
ADJ
_
GI
1
R
R
1
GI
2
GI
Equation 17
For example to drive 12 LEDS at a current of 350mA from a 12V supply requires Boost configuration. Each LED has a forward voltage of 3.2V at
350mA, so VOUT = 3.2*12 = 38.4V. From Equation 6, the duty cycle is approximately
6875
.
0
4
.
38
12
4
.
38
V
V
V
OUT
IN
OUT
From Equation 16, we set GI_ADJ to 1
– D = 0.3125.
IF RGI1
= 33kΩ, then from Equation 17,
 
k
6
.
72
3125
.
0
3125
.
0
1
x
33
R 2
GI
Let us choose the preferred value RGI2
= 75kΩ. Now GI_ADJ is adjusted to the new value, using Equation 2.
305
.
0
k
75
k
33
k
33
2
RGI
1
RGI
1
RGI
ADJ
_
GI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com