Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXLD1370EST16TC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 2Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 3Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 4Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 5Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 6Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 7Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 8Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 9Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
6 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Electrical Characteristics (Note 5) (VIN = VAUX =12V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply and Reference Parameters
VUV-
Undervoltage Detection Threshold
Normal Operation to Switch Disabled
VIN or VAUX Falling
5.2
5.6
6.3
V
VUV+
Undervoltage Detection Threshold
Switch Disabled to Normal Operation
VIN or VAUX Rising
5.5
6.0
6.5
V
IQ-IN
Quiescent Current into VIN
PWM Pin Floating
Output Not Switching
—
1.5
3.0
mA
IQ-AUX
Quiescent Current into VAUX
—
150
300
µA
ISB-IN
Standby Current into VIN
PWM Pin Grounded
for more than 15ms
—
90
150
µA
ISB-AUX
Standby Current into VAUX
—
0.7
10.0
µA
VREF
Internal Reference Voltage
No Load
1.237
1.250
1.263
V
VREF
Change in Reference Voltage with Output
Current
Sourcing 1mA
-5
—
—
mV
Sinking 100µA
—
—
5
VREF_LINE
Reference Voltage Line Regulation
VIN = VAUX, 6.5V<VIN = <60V
-60
-90
—
dB
VREF-TC
Reference Temperature Coefficient
—
—
+/-50
—
ppm/°C
DC-DC Converter Parameters
VADJ
External DC control voltage applied to ADJ pin
to adjust output current (Note 8)
DC Brightness Control Mode
10% to 200%
0.125
1.25
2.50
V
IADJ
ADJ Input Current (Note 10)
VADJ
≤ 2.5V
VADJ = 5.0V
†
—
—
100
5
nA
µA
VGI
GI Voltage threshold for boost and buck-boost
modes selection (Note 8)
VADJ = 1.25V
—
—
0.8
V
IGI
GI Input Current (Note 10)
VGI
≤ 2.5V
VGI = 5.0V
†
—
—
100
5
nA
µA
IPWM
PWM Input Current
VPWM = 5.5V
—
36
100
µA
tPWMOFF
PWM Pulse Width (to enter shutdown state)
PWM Input Low
10
15
25
ms
TSDH
Thermal Shutdown Upper Threshold
(GATE output forced low)
Temperature Rising
—
150
—
°C
TSDL
Thermal Shutdown Lower Threshold
(GATE output re-enabled)
Temperature Falling
—
125
—
°C
High-Side Current Monitor (Pin ISM)
IISM
Input Current
@ VISM = 12V
—
11
20
µA
VSENSE
Current Measurement Sense Voltage
Buck
VADJ = 1.25V
—
218
—
mV
Boost (Note 11)
—
225
—
Buck-Boost (Note 11)
—
—
—
VSENSE_ACC Accuracy of Nominal VSENSE Threshold Voltage
VADJ = 1.25V
—
±0.25
±2
%
VSENSE-OC
Overcurrent Sense Threshold Voltage
300
350
375
mV
Notes:
10. The ADJ and GI pins have an internal clamp that limits the internal node to less than 3V. This provides some failsafe should those pins get overdriven.
11. Initial sense voltage in Boost and Buck-Boost modes at maximum duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com