Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXLD1370EST16TC Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 6Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 7Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 8Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 9Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 10Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 11Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 12Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 13Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
10 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Typical Characteristics (Cont.) Buck Mode – RS = 150mΩ, L = 33µH
1.430
1.440
1.450
1.460
1.470
1.480
1.490
1.500
6.5
11
15.5
20
24.5
29
33.5
38
42.5
47
51.5
56
60.5
INPUT VOLTAGE (V)
Figure 9 Load Current vs. Input Voltage & Number of LED
1 LED
3 LEDs
5 LEDs
7 LEDs
9 LEDs
11 LEDs
13 LEDs
15 LEDs
T = 25 C
V
= V
A
AUX
IN
°
0
100
200
300
400
500
600
700
800
900
1000
6.5
11
15.5
20
24.5
29
33.5
38
42.5
47
51.5
56
60.5
INPUT VOLTAGE (V)
Figure 10 Frequency vs. Input Voltage & Number of LED
1 LED
3 LEDs
5 LEDs
7 LEDs
9 LEDs
11 LEDs
13 LEDs
15 LEDs
T = 25°C
V
= V
A
AUX
IN
100
6.5
11
15.5
20
24.5
29
33.5
38
42.5
47
51.5
56
60.5
INPUT VOLTAGE (V)
Figure 11 Efficiency vs. Input & Number of LED
T = 25°C
V
= V
A
AUX
IN
95
90
85
80
75
70
65
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com