Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM81C55-5JS Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM81C55-5JS
Description  2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM81C55-5JS Datasheet(HTML) 3 Page - OKI electronic componets

  MSM81C55-5JS Datasheet HTML 1Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 2Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 3Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 4Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 5Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 6Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 7Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 8Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
¡ Semiconductor
MSM81C55-5RS/GS/JS
ABSOLUTE MAXIMUM RATING
–55 to +150
MSM81C55-5RS
Power Supply Voltage
VCC
–0.5 to +7
V
Input Voltage
VIN
–0.5 to VCC +0.5
V
Output Voltage
VOUT
–0.5 to VCC +0.5
V
Storage Temperature
TSTG
°C
Power Dissipation
PD
0.7
W
Parameter
Unit
Symbol
Referenced
to GND
—
Ta = 25°C
Conditions
Rating
MSM81C55-5GS
MSM81C55-5JS
1.0
1.0
OPERATING CONDITION
Range
Power Supply Voltage
VCC
3 to 6
V
Operating Temperature
TOP
–40 to +85
°C
Parameter
Unit
Symbol
RECOMMENDED OPERATING CONDITIONS
Typ.
Power Supply Voltage (81C55)
VCC
5V
TOP
+25
"L" Level Input
VIL
—
"H" Level Input
VIH
—
Min.
4.5
–40
–0.3
2.2
Max.
5.5
+85
+0.8
VCC +0.3
Parameter
Unit
Symbol
°C
V
V
Supply Voltage (81C55-5)
VCC
5
4.75
5.25
V
Operating Temperature (81C55-5)
VOP
+25
–40
+70
°C
Operating Temperature (81C55)
DC CHARACTERISTICS
Typ.
Max.
"L" Level Output Voltage
VOL
—
0.45
V
"H" Level Output Voltage
VOH
——
V
——
V
Parameter
Unit
Symbol
Min.
—
2.4
4.2
IOL = 2 mA
IOH = –400 mA
IOH = –40 mA
Condition
VCC = 4.5 V to 5.5 V
Ta = –40°C to 85°C
Input Leak Current
ILI
—10
mA
Output Leak Current
ILO
—10
mA
–10
–10
0 £ VIN £ VCC
0 £ VOUT £ VCC
CE ≥ VCC –0.2 V
VIH ≥ VCC –0.2 V
VIL £ –0.2 V
Standby Current
Mean Operating
Current
ICCS
0.1
100
mA
—5
mA
—
—
Memory cycle
time: 1 ms
ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com