Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM81C55-5JS Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM81C55-5JS
Description  2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM81C55-5JS Datasheet(HTML) 1 Page - OKI electronic componets

  MSM81C55-5JS Datasheet HTML 1Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 2Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 3Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 4Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 5Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 6Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 7Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 8Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
¡ Semiconductor
MSM81C55-5RS/GS/JS
GENERAL DESCRIPTION
The MSM81C55-5 has a 2k-bit static RAM (256 bytes) with parallel I/O ports and a timer. It uses
silicon gate CMOS technology and consumes a standby current of 100 micro ampere, maximum,
while the chip is not selected. Featureing a maximum access time of 400 ns, the MSM81C55-5
can be used in an MSM80C85AH system without using wait states. The parallel I/O consists
of two 8-bit ports and one 6-bit port (both general purpose).
The MSM81C55-5 also contains a 14-bit programmable counter/timer which may be used for
sequence-wave generation or terminal count-pulsing.
FEATURES
• High speed and low power achieved with silicon gate CMOS technology
• 256 words x 8bits RAM
• Single power supply, 3 to 6 V
• Completely static operation
• On-chip address latch
• 8-bit programmable I/O ports (port A and B)
• TTL Compatible
• RAM data hold characteristic at 2 V
• 6-bit programmable I/O port (port C)
• 14-bit programmable binary counter/timer
• Multiplexed address/data bus
• Direct interface with MSM80C85AH
• 40-pin Plastic DIP (DIP40-P-600-2.54): (Product name: MSM81C55-5RS)
• 44-pin Plastic QFJ (QFJ44-P-S650-1.27): (Product name: MSM81C55-5JS)
• 44-pin Plastic QFP (QFP44-P-910-0.80-2K): (Product name: MSM81C55-5GS-2K)
FUNCTIONAL BLOCK DIAGRAM
¡ Semiconductor
MSM81C55-5RS/GS/JS
2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
IO/M
AD0 - 7
CE
ALE
RD
WR
RESET
TIMER IN
TIMER OUT
Timer
256 ¥ 8
Static
RAM
A
B
C
8
8
6
Port A
Port B
Port C
PA0 - 7
PB0 - 7
PC0 - 5
VCC (+5 V)
GND (0 V)
E2O0014-27-X2
This version: Jan. 1998
Previous version: Aug. 1996


Similar Part No. - MSM81C55-5JS

ManufacturerPart #DatasheetDescription
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
128K x 8 SRAM
MSM8128V-10 MOSAIC-MSM8128V-10 Datasheet
585Kb / 10P
128K x 8 SRAM
MSM8128V-12 MOSAIC-MSM8128V-12 Datasheet
585Kb / 10P
128K x 8 SRAM
MSM8128V-70 MOSAIC-MSM8128V-70 Datasheet
585Kb / 10P
128K x 8 SRAM
MSM8128V-85 MOSAIC-MSM8128V-85 Datasheet
585Kb / 10P
128K x 8 SRAM
More results

Similar Description - MSM81C55-5JS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP8155 TOSHIBA-TMP8155 Datasheet
333Kb / 16P
256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
logo
Sony Corporation
CXK5814P SONY-CXK5814P Datasheet
362Kb / 8P
2048-WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
logo
Advanced Micro Devices
8155 AMD-8155 Datasheet
650Kb / 14P
2048-Bit Static MOS RAM with I/O Ports and Timer
logo
Intel Corporation
8155H INTEL-8155H Datasheet
757Kb / 14P
2048-BIT STATIC HMOS RAM WITH I/O PORTS AND TIMER
logo
Hitachi Semiconductor
HM6116 HITACHI-HM6116 Datasheet
250Kb / 5P
2048-word X 8bit High Speed CMOS Static RAM
logo
National Semiconductor ...
NSC810AN NSC-NSC810AN Datasheet
781Kb / 21P
NSC810A RAM -I/O - TIMER
logo
Sanyo Semicon Device
LC3516 SANYO-LC3516 Datasheet
35Kb / 1P
2048 WORDS x8 BITS CMOS STATIC RAM
logo
Sony Corporation
CXK5816PN SONY-CXK5816PN Datasheet
437Kb / 9P
2048-WORD 8 BIT HIGH SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
CDM6116AC ETC1-CDM6116AC Datasheet
155Kb / 5P
High-Reliability CMOS 2048-Word by 8-bit LSI Static RAM
logo
Toshiba Semiconductor
TC554101J-20 TOSHIBA-TC554101J-20 Datasheet
433Kb / 8P
1,048,576 WORD x 4 BIT SEPARATE I/O CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com